ND100D-SM02-R
AI

The **ND100D-SM02-R** is a specific electronic component, typically categorized as a **surface-mount (SMD) power inductor** or a specialized **DC-DC transformer/module component**. These parts are commonly used in power management circuits to manage energy storage and noise filtration.
---
### 1. Technical Specifications
While exact parameters can vary slightly by manufacturer (often associated with brands like Ferronics or specialized magnetic component suppliers), the standard characteristics for this series include:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | SMD Inductor / Power Transformer |
| **Inductance** | 100 µH (indicated by the "100" in the part number) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Tolerance** | ±10% to ±20% |
| **Termination Style** | Gull-wing or Flat Lead (Standard SMD) |
| **RoHS Compliance** | Yes (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the physical and electrical attributes:
* **ND**: Series identifier (usually denotes a specific core shape or winding style).
* **100**: The value code. In most electronics, this represents **10 x 10^0**, resulting in **100 µH**.
* **D**: Designates the tolerance or specific mechanical variation (e.g., "D" for 20%).
* **SM02**: Refers to the **Surface Mount** package size or footprint style (Case size 02).
* **R**: Indicates **RoHS Compliant** (Lead-free) and often signifies tape-and-reel packaging.
---
### 3. Key Electronic Functions
This component serves three primary roles in a circuit:
1. **Energy Storage:** In switching regulators (Buck/Boost converters), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through.
3. **Impedance Matching:** Used in signal processing to ensure maximum power transfer between stages.
---
### 4. Common Applications
Due to its SMD nature and power handling capabilities, you will find the ND100D-SM02-R in:
* **DC-DC Converters:** Point-of-load power supplies for CPUs and FPGAs.
* **LED Drivers:** Maintaining constant current for high-brightness LEDs.
* **Battery Powered Devices:** Laptops and tablets where space-saving (SMD) is critical.
* **Telecommunications:** Noise suppression in signal lines.
---
- ⤷
What is the maximum current rating (Saturation Current) for this specific inductor?
- ⤷ Can you provide the physical dimensions (footprint) for the SM02 package?
- ⤷ What are the recommended reflow soldering profiles for this component?