NET-75A
AI

The **NET-75A** is a popular 75W multi-output switching power supply manufactured by MEAN WELL. It is widely used in industrial automation, telecommunications, and networking equipment due to its triple-output design and compact form factor.
---
## 1. Technical Specifications
The NET-75A provides three distinct DC output channels from a single AC input.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 88 ~ 264VAC / 125 ~ 373VDC |
| **Total Rated Power** | 68 Watts |
| **Output CH1** | +5V / 1.0 ~ 7.0A |
| **Output CH2** | +12V / 0.1 ~ 2.5A |
| **Output CH3** | -5V / 0.0 ~ 0.5A |
| **Efficiency** | 78% (Typical) |
| **Dimensions** | 159 x 97 x 38 mm (L x W x H) |
---
## 2. Key Electronic Components & Design
The internal circuitry of the NET-75A follows a **Flyback Converter** topology, which is standard for multi-output supplies of this power level.
### A. Input Stage (Primary Side)
* **EMI Filter:** Includes X-capacitors, Y-capacitors, and common-mode chokes to suppress electromagnetic interference.
* **Bridge Rectifier:** Converts AC input to high-voltage DC.
* **Bulk Electrolytic Capacitor:** Smooths the rectified DC voltage (usually rated for 400V-450V).
* **PWM Controller IC:** The "brain" that regulates switching frequency and duty cycle to maintain stable output voltages.
### B. Switching & Transformation
* **Power MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses.
* **High-Frequency Transformer:** Provides galvanic isolation between the primary (AC) and secondary (DC) sides and steps down the voltage to the required levels (+5V, +12V, -5V).
### C. Output Stage (Secondary Side)
* **Schottky Rectifiers:** Fast-acting diodes that convert the high-frequency AC from the transformer back into DC.
* **Filter Inductors & Low-ESR Capacitors:** These form an LC filter to minimize output ripple and noise.
* **Optoisolator:** Provides feedback from the +5V output (the main regulated channel) back to the PWM controller to ensure stability under varying loads.
---
## 3. Integrated Protections
The NET-75A includes several electronic protection layers to prevent damage to the power supply or connected components:
1. **Short Circuit Protection:** Recovery is automatic after the fault is removed (Hiccup mode).
2. **Overload Protection:** Activates when the load exceeds 105% ~ 150% of the rated power.
3. **Overvoltage Protection:** Specifically monitors the +5V rail (typically trips between 5.75V and 6.75V) to protect logic circuits.
---
## 4. Connection Interface
The unit uses a standard 8-pin terminal block (9.5mm pitch) for electrical connections:
| Pin No. | Assignment |
| :--- | :--- |
| 1 | AC Input (Line) |
| 2 | AC Input (Neutral) |
| 3 | Frame Ground (FG) |
| 4 | Output CH3 (-5V) |
| 5 | Output CH2 (+12V) |
| 6, 7 | Output Common (Ground) |
| 8 | Output CH1 (+5V) |
- ⤷
How does the load distribution affect the stability of the +12V and -5V rails?
- ⤷ What are the common failure points in the NET-75A during long-term operation?
- ⤷ Can the NET-75A be used in parallel with other power supplies?