NET1131
AI

The **NET1131** is a high-performance, single-phase, high-voltage electromagnetic interference (EMI) filter. It is primarily used in power electronics to suppress noise and ensure compliance with electromagnetic compatibility (EMC) standards.
---
### 1. Key Technical Specifications
The NET1131 is characterized by its ability to handle significant current loads while operating at standard AC voltages.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Rated Voltage** | 110V - 250V AC |
| **Rated Current** | 1A to 30A (varies by sub-model) |
| **Operating Frequency** | 50/60 Hz |
| **Dielectric Strength** | 1450V DC to 2000V AC |
| **Temperature Range** | -25°C to +85°C |
---
### 2. Internal Electronic Components
The NET1131 is a passive network consisting of several key components designed to filter both common-mode and differential-mode noise.
* **Inductors (Chokes):** High-permeability toroidal cores wrapped with wire. These provide high impedance to high-frequency noise while allowing the 50/60Hz power to pass.
* **X-Capacitors:** Connected across the line (Line-to-Neutral) to filter **differential-mode** interference (noise between the wires).
* **Y-Capacitors:** Connected from the line/neutral to the ground (Line-to-Ground) to bypass **common-mode** noise safely to the earth.
* **Discharge Resistor:** Often integrated to bleed off the charge from capacitors when power is disconnected, ensuring safety.
---
### 3. Applications
The NET1131 is commonly integrated into the following systems:
1. **Switch Mode Power Supplies (SMPS):** To block switching noise from entering the utility grid.
2. **Industrial Automation:** Used in PLC systems and motor controllers to prevent data corruption from electrical spikes.
3. **Medical Equipment:** To ensure sensitive diagnostic tools are not affected by power line fluctuations.
4. **Fitness Equipment:** Frequently found in treadmills to dampen electronic noise from the drive motors.
---
### 4. Circuit Diagram Representation
In a simplified schematic, the component arrangement looks like this:
```text
[Line] ----(Inductor)----[X-Cap]----(Inductor)---- [Load]
| | |
[Y-Cap] [Resistor] [Y-Cap]
| | |
[Earth] --------+----------+-----------+---------- [Earth]
```
- ⤷
What is the difference between common-mode and differential-mode noise in filters?
- ⤷ How do I choose the correct current rating for a NET1131 filter?
- ⤷ Does the NET1131 require a specific mounting orientation for heat dissipation?