Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • NF2010C-RQ

  • AI
    The **NF2010C-RQ** is a high-performance, single-phase AC power line noise filter (EMI/EMC filter). These components are designed to suppress electromagnetic interference on power lines, protecting sensitive electronics from noise and preventing the device itself from emitting interference. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the NF2010C-RQ: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 250V AC / 250V DC | | **Rated Current** | 10 Amperes | | **Test Voltage** | 1500V AC (Line to Ground) | | **Insulation Resistance** | 100 MΩ minimum (at 500V DC) | | **Leakage Current** | < 1.0 mA (at 250V AC, 60Hz) | | **Operating Temp Range** | -25°C to +85°C | --- ### 2. Internal Electronic Components The NF2010C-RQ is a "network" of passive components housed in a metal shield. Its internal circuitry typically includes: * **Common Mode Choke:** A dual-winding inductor on a single core that cancels out noise common to both the Line and Neutral wires. * **X-Capacitors (Line-to-Line):** Used to suppress "differential mode" noise (noise between the two power lines). * **Y-Capacitors (Line-to-Ground):** Used to divert "common mode" noise from the lines to the chassis ground. * **Bleeder Resistor:** A high-value resistor connected across the X-capacitors to discharge stored energy when power is disconnected, ensuring safety. --- ### 3. Physical & Mechanical Features * **Enclosure:** Housed in a metal "can" (case) which acts as a Faraday cage to provide additional RF shielding. * **Terminals:** Usually features faston (spade) terminals or screw terminals for easy integration into industrial panels. * **Mounting:** Designed with integrated metal flanges for secure bolting to a grounded chassis. --- ### 4. Applications The NF2010C-RQ is commonly used in environments where "clean" power is required for stable operation: 1. **Industrial Automation:** PLCs, sensors, and motor controllers. 2. **Office Equipment:** High-end photocopiers and servers. 3. **Medical Devices:** To ensure noise does not interfere with sensitive diagnostic readings. 4. **Measuring Instruments:** Laboratory power supplies and oscilloscopes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between differential mode and common mode noise in this filter?
    • ⤷ Can the NF2010C-RQ be used for DC power applications as well?
    • ⤷ How does the leakage current of this filter affect its use in medical environments?