NF3300C-RQ2
AI

The **NF3300C-RQ2** is a high-performance **3-Phase Noise Filter** manufactured by Soshin Electric. It is designed specifically to suppress electromagnetic interference (EMI) and noise in industrial power lines, particularly for equipment using high-speed switching like inverters or motor drives.
---
### 1. Key Technical Specifications
Below are the core electronic characteristics of the NF3300C-RQ2:
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 500 VAC (3-Phase) |
| **Rated Current** | 300 Amperes (A) |
| **Operating Frequency** | 50/60 Hz |
| **Withstand Voltage** | 2,000 VAC (for 1 minute) |
| **Insulation Resistance** | 100 MΩ minimum (at 500 VDC) |
| **Leakage Current** | 7.0 mA max (at 250V / 60Hz) |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Internal Electronic Composition
The device is a passive electronic component consisting of a complex network of capacitors and inductors (LC Filter):
1. **Common-Mode Choke Coils:** Large magnetic cores wound with heavy-gauge wire to block high-frequency noise that travels in the same direction on all three phases.
2. **X-Capacitors (Line-to-Line):** Used to suppress differential mode noise (noise between the phases).
3. **Y-Capacitors (Line-to-Ground):** Used to shunt common-mode noise to the ground; these are critical for safety and EMI compliance.
4. **Discharge Resistors:** High-wattage resistors integrated to bleed off stored energy from the capacitors once power is disconnected, ensuring technician safety.
---
### 3. Connection and Installation
The NF3300C-RQ2 uses high-current terminal blocks. The wiring logic is as follows:
```text
[POWER SOURCE] --> [LINE SIDE] NF3300C-RQ2 [LOAD SIDE] --> [INVERTER/MOTOR]
|
[EARTH/GROUND]
```
* **Line Side:** L1, L2, L3 (Input from main power)
* **Load Side:** L1', L2', L3' (Output to the machine)
* **Ground:** Must be securely connected to the chassis to ensure noise suppression effectiveness.
---
### 4. Primary Applications
* **Industrial Inverters:** Filtering the high-frequency PWM noise generated by IGBT switching.
* **CNC Machinery:** Protecting sensitive control electronics from power grid fluctuations.
* **Servo Drives:** Ensuring precision by removing electrical "jitter" from the power supply.
* **Large Scale UPS:** Maintaining clean power in data centers or medical facilities.
---
- ⤷What is the difference between differential mode and common mode noise in this filter?
- ⤷ How does the 300A current rating affect the physical size and cooling requirements?
- ⤷ Can this filter be used with a 480V system?