NJG1107KB2-R1
AI

## Overview of NJG1107KB2-R1
The **NJG1107KB2-R1** is a High Power GaAs MMIC (Monolithic Microwave Integrated Circuit) **SPDT (Single Pole Double Throw) Switch**. It is specifically designed for high-power switching applications, such as antenna switching in mobile communications.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | NJG1107KB2-R1 |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | 100 MHz to 3.0 GHz |
| **Insertion Loss** | 0.4 dB (at 1.0 GHz) / 0.5 dB (at 2.0 GHz) |
| **Isolation** | 25 dB (at 1.0 GHz) / 20 dB (at 2.0 GHz) |
| **P-1dB (Compression Point)** | +34 dBm (at 3.0V) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | FLP6-B2 (Small Surface Mount) |
---
### Functional Architecture
The device functions as a selector that routes an RF signal from a common port (PC) to one of two output ports (P1 or P2) based on control voltages.
#### Logic Table
| Control Voltage 1 (Vctl1) | Control Voltage 2 (Vctl2) | Signal Path |
| :--- | :--- | :--- |
| High | Low | PC to P1 |
| Low | High | PC to P2 |
---
### Key Features
1. **Low Insertion Loss:** Minimizes signal degradation, making it ideal for the front-end of radio frequency (RF) circuits.
2. **High Power Handling:** Capable of handling up to +34 dBm, which is suitable for cellular transmit paths.
3. **Low Control Voltage:** Compatible with standard CMOS logic levels (usually 2.7V to 3.0V), reducing the need for level shifters.
4. **Integrated Circuitry:** Contains internal circuitry to minimize the need for external DC blocking capacitors (though they are often recommended for stability).
### Common Applications
* **Mobile Handsets:** GSM, CDMA, and UMTS antenna switching.
* **Wireless Data:** WLAN and Bluetooth signal routing.
* **General RF Switching:** Used in any high-frequency system requiring low loss and high power handling between 100 MHz and 3 GHz.
---
### Example Implementation (Schematic Concept)
```cpp
// Logic Control via Microcontroller (Example)
DigitalWrite(VCTL1, HIGH); // Route RF to Port 1
DigitalWrite(VCTL2, LOW);
// Note: Ensure DC Blocking capacitors are placed on
// RF ports to prevent damage to the GaAs FETs.
```
- ⤷
What are the recommended values for DC blocking capacitors for this part?
- ⤷ Can this switch be used in 5G sub-6GHz applications?
- ⤷ What is the typical switching speed of the NJG1107KB2?