Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • NLAS1053_06

  • AI
    The **NLAS1053** (often found in the 1053_06 series) is a high-performance, low-power **Dual Single-Pole Double-Throw (SPDT) Analog Switch**. It is primarily designed for high-speed signal routing in portable electronics, such as smartphones, tablets, and medical devices. --- ### 1. Key Technical Specifications The following table summarizes the core electrical characteristics of the NLAS1053: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V | Compatible with 1.8V, 3.0V, and 5.0V logic. | | **On-Resistance ($R_{ON}$)** | ~0.6 $\Omega$ | Very low resistance to minimize signal distortion. | | **Bandwidth** | ~30 MHz | Suitable for audio and low-to-mid speed data. | | **Channel Matching** | 0.05 $\Omega$ | Ensures consistency between the two switches. | | **Package Types** | UDFN10, Micro-10 | Extremely small footprint for compact PCBs. | --- ### 2. Functional Diagram & Operation The device contains two independent switches. Each switch has: * **Common Pin (COM):** The shared terminal. * **Normally Open (NO):** Connected to COM when the Select pin is HIGH. * **Normally Closed (NC):** Connected to COM when the Select pin is LOW. * **Select Pin (IN):** Digital control pin to toggle the path. #### Pin Configuration Example (UDFN10) ```text +-------U-------+ NO1 | 1 10 | VCC COM1| 2 9 | NC1 IN1 | 3 8 | IN2 GND | 4 7 | COM2 NC2 | 5 6 | NO2 +---------------+ ``` --- ### 3. Core Features * **Break-Before-Make (BBM) Feature:** This ensures that one switch path is completely disconnected before the other is connected, preventing momentary short-circuits between input signals. * **Sub-Ohmic Resistance:** With an $R_{ON}$ as low as 0.6 $\Omega$, it is ideal for routing audio signals to speakers or headphones without losing power or clarity. * **Rail-to-Rail Operation:** It can handle signals that swing across the entire power supply range (from 0V to $V_{CC}$). --- ### 4. Common Applications 1. **Audio Switching:** Routing audio signals between an internal speaker and a headphone jack. 2. **Signal Gating:** Turning on or off specific data lines in low-power communication interfaces. 3. **USB 1.1 Routing:** Switching low-speed USB data paths. 4. **Battery Powered Systems:** Because of its ultra-low standby current, it helps preserve battery life. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NLAS1053 and NLAS4684?
    • ⤷ How does 'Break-Before-Make' delay affect high-speed signal switching?
    • ⤷ Can this chip be used for high-speed USB 2.0 (480Mbps) data routing?