NRF24AP2-USBQ32-R7
AI

The **NRF24AP2-USBQ32-R7** is a highly integrated single-chip ANT™ ultra-low power wireless network solution with a built-in USB 2.0 interface. It is primarily used to bridge ANT+ sensor networks (like heart rate monitors or cycling power meters) to a PC or Mac.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nordic Semiconductor |
| **Protocol** | ANT™ (2.4 GHz) |
| **Interface** | USB 2.0 (Full Speed) |
| **Package** | 32-pin QFN (5x5 mm) |
| **Frequency Range** | 2400 MHz to 2483.5 MHz |
| **Power Supply** | 4.0V to 5.25V (Bus-powered) |
| **Sensitivity** | -85 dBm |
| **Output Power** | Up to 0 dBm |
---
### 2. Core Functional Components
#### A. ANT Radio Transceiver
The chip features the industry-standard 2.4 GHz RF transceiver. It handles the physical layer and the complex ANT protocol stack internally, meaning the host computer doesn't need to manage timing-sensitive wireless tasks.
#### B. USB Controller
Unlike the standard NRF24AP2 series (which uses UART/SPI), this specific model includes an integrated USB controller.
- **Plug-and-Play:** It typically acts as a Virtual COM Port (VCP) or a specific USB HID class.
- **On-chip Regulator:** It contains a 3.3V regulator to power the radio from the 5V USB bus.
#### C. Clocking and Crystal
To operate the USB and RF stages, the chip requires a high-stability external crystal (usually **16 MHz**). The internal circuitry multiplies this for the 2.4 GHz carrier frequency and the USB data timing.
---
### 3. Pinout & Connectivity Highlights
The 32-pin QFN package includes several critical groups of pins:
1. **RF Pins (ANT1/ANT2):** Differential RF output. Usually requires a balun and a matching network to connect to a PCB or chip antenna.
2. **USB Pins (D+/D-):** Direct connection to the USB connector data lines.
3. **VBUS/VDD:** Power input from the USB port.
4. **RESET:** Active-low reset pin for the MCU logic.
---
### 4. Typical Application Circuit
When designing with this part, the circuit usually follows this structure:
```mermaid
graph LR
USB_Port -- 5V --> Voltage_Regulator[Internal LDO]
USB_Port -- Data --> USB_Engine[NRF24AP2 USB Engine]
USB_Engine --> ANT_Protocol_Stack
ANT_Protocol_Stack --> RF_FrontEnd[RF Output]
RF_FrontEnd --> Matching_Network --> Antenna
```
---
### 5. Ordering Information (Suffix Breakdown)
- **USBQ32:** Indicates the USB interface version in a 32-pin QFN package.
- **R7:** Refers to the packaging format—specifically, a **7-inch reel** (usually containing 1,500 units) for automated SMT assembly.
- ⤷
What are the main differences between NRF24AP2 and NRF52 series?
- ⤷ What external components are required for the RF matching network?
- ⤷ Does this chip support the ANT+ profile for fitness devices?