Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • NX8564

  • AI
    The **NX8564** is a high-performance **Laser Diode** module specifically designed for fiber optic communications. It is manufactured by Renesas (formerly NEC Electronics) and belongs to the family of Distributed Feedback (DFB) lasers. Below is a detailed breakdown of its electronic components, specifications, and internal architecture. --- ## 1. Internal Component Architecture The NX8564 is usually housed in a **14-pin Butterfly Package**. Internally, it contains several critical electronic parts that work together to maintain signal integrity and stability: | Component | Function | | :--- | :--- | | **DFB Laser Chip** | The core light source, providing a highly stable wavelength for Dense Wavelength Division Multiplexing (DWDM). | | **Optical Isolator** | Prevents reflected light from entering the laser cavity, which reduces noise and instability. | | **Thermoelectric Cooler (TEC)** | An active semiconductor heat pump used to maintain the laser chip at a precise temperature. | | **Thermistor** | A temperature-sensitive resistor used as a sensor to provide feedback to the TEC controller. | | **Monitor Photodiode (MPD)** | Monitors the optical output power to allow for an Automatic Power Control (APC) loop. | --- ## 2. Key Electronic Specifications The device is characterized by its precision in wavelength and power. Typical specifications for the NX8564 series include: * **Wavelength Range:** Available in ITU-T grid wavelengths (C-band), typically around **1550 nm**. * **Optical Output Power:** Generally ranges from **10 mW to 20 mW**. * **Side Mode Suppression Ratio (SMSR):** Minimum of **35 dB to 45 dB**, ensuring high spectral purity. * **Operating Current:** Typically between **50 mA and 100 mA**. * **Forward Voltage:** Approximately **1.2 V to 2.0 V**. --- ## 3. Pin Configuration (Typical Butterfly Package) While exact pinouts can vary slightly by sub-model, a standard 14-pin DFB laser configuration (like the NX8564) usually follows this logic: | Pin Number | Description | Pin Number | Description | | :--- | :--- | :--- | :--- | | 1 | Thermistor | 14 | TEC (+) | | 2 | Thermistor | 13 | Case Ground | | 3 | Laser Bias Current (-) | 12 | Laser RF Input (Modulation) | | 4 | Monitor PD Anode | 11 | Laser Cathode (Common) | | 5 | Monitor PD Cathode | 10 | No Connection | | 6 | TEC (+) | 9 | No Connection | | 7 | TEC (-) | 8 | Case Ground | --- ## 4. Application Context The NX8564 is primarily used in **Long-haul Optical Transmission** and **DWDM systems**. Because wavelength shifts with temperature, the internal **TEC** and **Thermistor** are the most critical "electronic" parts for the end-user. Designers must implement a PID (Proportional-Integral-Derivative) control circuit to drive the TEC based on the thermistor's resistance to "lock" the laser to a specific frequency. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the NX8564's TEC?
    • ⤷ How do you calculate the thermistor feedback for wavelength stabilization?
    • ⤷ What is the difference between the NX8564 and other DFB laser modules?