AI

The part number **O-CS8-AKTYZISP-R** appears to follow the specific nomenclature for high-performance **Oscillators**, specifically those manufactured by specialized timing solution providers (often related to Rakon or similar high-reliability crystal manufacturers).
Below is a breakdown of the electronic characteristics and specifications typical for this component series.
---
### 1. General Specifications
This part is a high-precision, surface-mount oscillator designed for stable frequency control in telecommunications and industrial applications.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) / TCXO |
| **Package Style** | 8-Pad Surface Mount (SMD) |
| **Operating Temperature** | Often Industrial Grade (-40°C to +85°C) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Output Type** | Typically CMOS or Differential (LVPECL/LVDS) |
### 2. Breakdown of the Part Number Logic
While internal manufacturer codes vary, the string can be decoded into these functional blocks:
* **O-CS8**: Refers to the series and package size. "CS8" usually denotes a specific ceramic substrate with an **8-pad layout**, often in a 7.0 x 5.0 mm or 5.0 x 3.2 mm footprint.
* **AKTY**: These are usually internal codes for frequency stability (e.g., ±1.0ppm or ±2.5ppm) and supply voltage (e.g., 3.3V or 2.5V).
* **ZISP**: Often refers to a specific proprietary integration or a specialized Phase Locked Loop (PLL) configuration.
* **R**: Generally stands for **Tape & Reel** packaging for automated assembly.
### 3. Key Electronic Functions
* **Frequency Stability:** Provides a highly stable clock signal used as a heartbeat for microprocessors, FPGAs, or network switches.
* **Low Phase Jitter:** Designed to minimize timing uncertainty, which is critical for high-speed data transmission (Ethernet, Fiber Channel).
* **Power Management:** Usually operates on a low-voltage DC supply with optimized current consumption to reduce heat dissipation in dense PCB layouts.
### 4. Typical Applications
1. **Telecommunications:** Base stations, small cells, and optical networking.
2. **Computing:** High-speed servers and data storage arrays.
3. **Industrial:** Precision measurement equipment and GPS-synchronized systems.
---
- ⤷
What is the exact frequency (MHz) for this specific part number?
- ⤷ Can you provide the pinout diagram for the CS8 8-pad package?
- ⤷ What are the equivalent alternative parts from manufacturers like SiTime or Epson?