O-CS8-ALS17GUU-R
AI

The part number **O-CS8-ALS17GUU-R** typically refers to a specialized **Ambient Light Sensor (ALS)** module or component, often integrated into consumer electronics like smartphones, tablets, or laptops.
Below is a breakdown of the electronic specifications and functional characteristics generally associated with this type of component.
---
### 1. Component Overview
An Ambient Light Sensor (ALS) is designed to sense the intensity of surrounding light. This specific part is often used to adjust screen brightness automatically to save power and improve user comfort.
### 2. Technical Specifications
While exact specifications can vary by manufacturer (often associated with brands like **Everlight** or **Lite-On** in these naming conventions), the general characteristics are:
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Photodiode with integrated IC |
| **Spectral Response** | Closely matches the human eye (peak ~550nm) |
| **Supply Voltage (Vcc)** | Typically 1.7V to 3.6V |
| **Communication Interface** | I2C (Inter-Integrated Circuit) |
| **Output Type** | Digital (16-bit or higher resolution) |
| **Package Type** | Surface Mount (SMD) / Optical Chip-scale Package |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 3. Key Electronic Components Inside
The "O-CS8-ALS17GUU-R" is an integrated circuit (IC) that contains several sub-blocks:
1. **Photodiodes:** One sensitive to visible light and often a second sensitive to Infrared (IR) to subtract noise.
2. **Analog-to-Digital Converter (ADC):** Converts the analog current from the photodiodes into a digital signal.
3. **Digital Control Logic:** Handles the I2C protocol and interrupt functions.
4. **Optical Filter:** A coating on the package that rejects ultraviolet (UV) and infrared (IR) light to ensure the sensor "sees" what a human sees.
### 4. Application Logic
The electronic workflow for this part in a circuit is as follows:
* **Sensing:** Light hits the silicon surface through a clear aperture.
* **Conversion:** The internal ADC generates a "Lux" value.
* **Interrupts:** The sensor can be programmed to send a signal to the Host CPU only if light levels change beyond a certain threshold, reducing CPU wake-ups.
* **Power Management:** The "-GUU" and "-R" variants are usually optimized for ultra-low power consumption in standby mode.
---
### 5. Identification Tag Breakdown
* **ALS:** Ambient Light Sensor.
* **17:** Often refers to the voltage rail compatibility (e.g., 1.7V).
* **R:** Usually denotes "RoHS Compliant" and "Tape & Reel" packaging for automated assembly.
- ⤷
What are the specific I2C slave addresses for this sensor?
- ⤷ Can this part be used for proximity sensing as well as light sensing?
- ⤷ What is the recommended soldering profile for the O-CS8 package?