Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-ALS58EWU-R

  • AI
    Based on the part number provided (**O-CS8-ALS58EWU-R**), this component belongs to the category of **Alphanumeric LED Displays**, specifically a multi-segment character display. --- ## Technical Overview The O-CS8-ALS58EWU-R is an 18-segment (plus decimal point) alphanumeric LED display. Unlike standard 7-segment displays that only show numbers, the 18-segment architecture allows for the display of full uppercase and lowercase English alphabets, symbols, and numerals with higher clarity. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Display Type** | Alphanumeric (18-Segment) | | **Number of Digits** | 1 Digit | | **Character Height** | 0.58 inches (approx. 14.7 mm) | | **Emitted Color** | White | | **Configuration** | Ultra White / High Brightness | | **Polarity** | Common Anode or Common Cathode (Specific to suffix) | | **Face/Segment Color** | Gray Face / White Segments | --- ## Internal Components & Architecture ### 1. The LED Die The "Ultra White" designation indicates the use of **InGaN (Indium Gallium Nitride)** technology. This material is used to produce high-intensity blue light, which is then converted to white light via a phosphor coating inside the segment cavity. ### 2. Segment Layout The unit utilizes 18 distinct segments: * **Outer Perimeter:** 8 segments forming the outer "box." * **Inner Core:** 8 radial/diagonal segments meeting in the center (the "Starbust" pattern). * **Top/Bottom Splits:** 2 segments splitting the top and bottom horizontal bars for better character definition. * **DP:** A dedicated Decimal Point LED. ### 3. Electrical Characteristics * **Forward Voltage ($V_f$):** Typically 2.8V to 3.6V for white LEDs. * **Forward Current ($I_f$):** Usually 20mA per segment for maximum brightness. * **Peak Wavelength:** Not applicable for white (measured in Chromaticity Coordinates X/Y). --- ## Pinout and Integration The device is usually housed in a **Through-Hole (DIP)** package. To interface this with a microcontroller (like an Arduino or ESP32), you generally require: 1. **Current Limiting Resistors:** One for each segment (typically 220Ω - 470Ω depending on voltage). 2. **Drivers:** Since driving 18 segments directly consumes many I/O pins, it is common to use a **Shift Register** (e.g., 74HC595) or a dedicated **LED Driver** (e.g., MAX7219 or HT16K33). --- ## Typical Applications * **Industrial Instrumentation:** Displaying error codes (e.g., "ERR", "TEMP"). * **Audio Equipment:** Showing track names or input sources (e.g., "AUX", "PHONO"). * **Medical Devices:** Clear readings of units and statuses.
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration (Common Anode vs Common Cathode) for this specific 'R' suffix model?
    • ⤷ How do I calculate the correct resistor value for a 5V power supply?
    • ⤷ Which LED driver IC is best suited for driving an 18-segment display?