Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-ALS58GUL-R

  • AI
    ## Technical Overview: O-CS8-ALS58GUL-R The **O-CS8-ALS58GUL-R** is a specialized high-frequency microwave sensor module, typically used for motion detection and occupancy sensing. It operates based on the **Doppler Effect** to detect movement within its range. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 5.8 GHz (ISM Band) | | **Operating Voltage** | 3.3V - 12V DC (Typical) | | **Output Signal** | Digital (High/Low) or Analog depending on configuration | | **Detection Range** | Adjustable (Up to 8-12 meters) | | **Detection Angle** | 360° (Ceiling mount) or 120° (Wall mount) | | **Power Consumption** | Low (approx. 5-30mA) | | **Mounting Style** | Surface Mount (SMD) / Integrated Module | --- ### 2. Core Electronic Components The module consists of several integrated sub-sections that work together to process motion: #### A. Microwave Oscillator & Antenna * **The Transmitter:** Generates a 5.8GHz high-frequency electromagnetic wave. * **The Receiver:** Captures the reflected waves. If a moving object enters the field, the frequency of the reflected signal shifts (Doppler Shift). * **Antenna Type:** Usually a **Patch Antenna** etched directly onto the PCB, providing a compact form factor. #### B. Signal Processing Unit (Operational Amplifiers) * The raw signal received is extremely faint and noisy. * It utilizes **High-Gain Op-Amps** to amplify the frequency difference between the transmitted and received signals. * **Filtering:** Low-pass filters are used to remove high-frequency noise and interference from sources like Wi-Fi or Bluetooth. #### C. Control Circuitry (MCU/ASIC) * The amplified signal is sent to a comparator or a small microcontroller. * **Logic:** If the signal amplitude exceeds a pre-set threshold, the output pin is pulled "High." * **Timer/Delay:** Often includes pins for RC circuits (resistors and capacitors) to adjust the "Hold Time" (how long the signal stays active after motion stops). --- ### 3. Comparison: Microwave vs. PIR Sensors | Feature | Microwave (ALS58GUL-R) | PIR (Passive Infrared) | | :--- | :--- | :--- | | **Method** | Active (Sends 5.8GHz waves) | Passive (Detects heat) | | **Obstacles** | Can penetrate thin walls/glass | Blocked by glass/walls | | **Sensitivity** | Very high (detects minor motion) | Moderate (detects body heat) | | **Environment** | Works well in high temperatures | Performance drops in hot air | --- ### 4. Common Applications * **Smart Lighting:** Automatic switches for LED ceiling lights. * **Security Systems:** Hidden intrusion detection (since it can be hidden behind plastic covers). * **Energy Management:** HVAC control in offices based on occupancy. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the O-CS8-ALS58GUL-R?
    • ⤷ How do I adjust the sensitivity and delay time for this specific module?
    • ⤷ Are there any FCC or CE regulatory restrictions for using the 5.8GHz band in consumer products?