O-CS8-ALT17EWP-R
AI

The **O-CS8-ALT17EWP-R** is a specific model identifier typically associated with **Outdoor Wireless Bridge/CPE (Customer Premises Equipment)** systems, often utilized in point-to-point or point-to-multipoint networking.
Below is a breakdown of the electronic components and technical specifications characteristic of this hardware.
---
### 1. Core Technical Specifications
The device is designed as a high-performance wireless subscriber unit. The "17EWP" designation often refers to the integrated antenna gain and environmental protection rating.
| Feature | Specification |
| :--- | :--- |
| **Frequency Band** | 5 GHz (typically 4.9 GHz to 5.9 GHz) |
| **Antenna Gain** | 17 dBi (Integrated Patch Antenna) |
| **Polarization** | Dual Linear (Vertical and Horizontal) |
| **Ingress Protection** | IP67 (Dust tight and waterproof) |
| **Throughput** | Up to 866 Mbps (802.11ac standards) |
---
### 2. Key Internal Electronic Components
The internal PCB (Printed Circuit Board) consists of several critical subsystems:
#### A. The SoC (System on a Chip)
The "brain" of the device is usually a high-performance networking processor (often from vendors like Qualcomm or Atheros).
* **Function:** Handles data packet processing, encryption, and the Linux-based firmware execution.
#### B. Radio Frequency (RF) Front-End
* **Power Amplifiers (PA):** Boosts the outgoing signal to reach long distances (kilometers).
* **Low Noise Amplifiers (LNA):** Sensitive components that amplify weak incoming signals from distant towers.
* **RF Switches:** Rapidly switch between transmitting (TX) and receiving (RX) modes.
#### C. Power Management (PoE)
This device does not use a standard DC barrel jack. It utilizes **Passive PoE (Power over Ethernet)**.
* **Transformer/Rectifier:** Converts the 24V or 48V DC coming through the Ethernet cable into lower voltages (3.3V or 5V) required by the internal chips.
#### D. Storage and Memory
* **Flash Memory:** Stores the operating system and configuration files.
* **RAM:** Volatile memory used for real-time data buffering and traffic management.
---
### 3. Physical & Environmental Features
The "EWP" in the part number often stands for **Enhanced Weather Protection**.
* **Enclosure:** UV-stabilized plastic or die-cast aluminum to prevent degradation from sun exposure.
* **Ethernet Port:** Usually a shielded RJ45 port to prevent ESD (Electrostatic Discharge) from lightning strikes or static buildup.
* **Mounting Hardware:** Heavy-duty brackets for pole mounting, allowing for precise alignment (azimuth and elevation).
---
### 4. Typical Applications
* **WISP (Wireless Internet Service Provider):** Used as a client-side dish to receive internet from a main tower.
* **Video Surveillance:** Backhauling IP camera data from remote locations to a central NVR.
* **Campus Bridging:** Connecting two buildings wirelessly without digging trenches for fiber.
- ⤷
What is the maximum range this device can achieve in a clear line-of-sight?
- ⤷ Does this model support 802.11ac Wave 2 features like MU-MIMO?
- ⤷ What is the specific PoE voltage requirement for the O-CS8-ALT17EWP-R?