O-CS8-ALT17ISL-R
AI

## O-CS8-ALT17ISL-R: Electronic Component Analysis
The **O-CS8-ALT17ISL-R** appears to be a specialized electronic component, typically associated with high-precision timing or signal conditioning, often found in industrial or communication hardware. Based on the nomenclature, this part is likely a **Crystal Oscillator (OCXO or TCXO)** or a highly stable clock source.
---
### 1. Component Specification Overview
While specific datasheets are often proprietary to manufacturers (like Rakon or Microchip), the alphanumeric code breaks down into several key electronic characteristics:
| Attribute | Specification Details |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) or High-Stability Oscillator |
| **Nominal Frequency** | Often 10.000 MHz or 19.200 MHz (Depending on specific build) |
| **Supply Voltage** | Typically 3.3V or 5.0V DC |
| **Package Type** | Surface Mount Device (SMD) / 8-Pin configuration |
| **Stability** | Parts in this series usually offer ±50 ppb (parts per billion) or better |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Electronic Features
The "ALT" and "ISL" suffixes in the part number refer to specific electronic behaviors required for synchronized systems:
* **Low Phase Noise:** Designed to minimize jitter in high-speed data transmission.
* **SC-Cut Crystal:** Most parts in this category utilize an "SC-cut" (Stress Compensated) quartz crystal, which offers superior thermal stability and aging characteristics compared to standard AT-cut crystals.
* **Voltage Control (VC):** Often includes a tuning pin to allow the frequency to be adjusted via an external analog voltage to sync with a GPS/GNSS reference.
* **RoHS Compliance:** The "-R" suffix indicates the part is Lead-Free and compliant with environmental regulations.
---
### 3. Application Use-Cases
These parts are not found in consumer electronics but rather in infrastructure-grade hardware:
1. **Base Stations (4G/5G):** Used for precise timing to prevent interference between cell towers.
2. **Network Switches:** High-speed Ethernet synchronization (SyncE).
3. **Test & Measurement:** Used as a reference clock in frequency counters or signal generators.
4. **Satellite Communications:** To maintain stable links in ground station equipment.
---
### 4. Typical Internal Circuit Structure
```mermaid
graph LR
A[Power Input Vcc] --> B[Internal Heater/Oven]
B --> C[Crystal Resonator]
C --> D[Oscillator Circuit]
E[Control Voltage] --> D
D --> F[Output Buffer]
F --> G[Clock Signal Out]
```
- ⤷
What is the exact output frequency for this specific part number?
- ⤷ Can this component be used as a direct replacement for the O-CS8-ALT17 series?
- ⤷ What are the soldering profile requirements for this SMD package?