AI

The **O-CS8-ALT58EWL-R** is a specific model identifier typically associated with high-precision **Industrial Rotary Encoders**. This specific part number follows the naming convention of manufacturers like **Pepperl+Fuchs** (specifically within their optical absolute encoder lines).
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Encoder Type** | Absolute Rotary Encoder |
| **Sensing Principle** | Optical |
| **Resolution (Single Turn)** | 13-bit to 16-bit (Variable based on config) |
| **Resolution (Multi-Turn)** | 12-bit to 14-bit |
| **Interface** | EtherNet/IP (indicated by the "EWL" suffix) |
| **Housing Diameter** | 58 mm |
| **Shaft Type** | Solid Shaft or Recessed Hollow Shaft |
| **Supply Voltage** | 10 V DC ... 30 V DC |
| **Protection Class** | IP65 / IP67 |
---
### 2. Electronic Components & Features
The device is composed of several sophisticated electronic subsystems:
#### A. The Optical Scanning Unit
The core "Electronic Part" consists of an LED light source, a coded glass disk, and an ASIC (Application-Specific Integrated Circuit) receiver.
* As the shaft rotates, the light passes through the disk.
* The photo-detectors convert the light patterns into electrical signals.
#### B. The Communication Interface (EtherNet/IP)
The **EWL** suffix indicates an Ethernet-based communication protocol.
* **Dual Port Switch:** Usually includes an integrated 2-port switch to allow "Daisy Chaining" of devices in a line topology without external switches.
* **DLR (Device Level Ring):** Supports redundancy protocols to ensure the encoder stays online if one cable is damaged.
#### C. Signal Processing Logic
Inside the encoder, a microprocessor handles:
* **Position Calculation:** Combining single-turn (rotation angle) and multi-turn (number of rotations) data.
* **Scaling Functions:** Users can electronically program the resolution and counting direction.
* **Diagnostics:** Monitoring for internal errors, temperature, or disk fouling.
---
### 3. Connection Pinout (Typical M12)
Most industrial encoders of this series use M12 connectors for both power and data.
| Connector | Type | Function |
| :--- | :--- | :--- |
| **Port 1** | M12, 4-pin, D-Coded | Ethernet Data (Transmit/Receive) |
| **Port 2** | M12, 4-pin, D-Coded | Ethernet Data (Transmit/Receive) |
| **Power** | M12, 4-pin, A-Coded | 24V Supply and Ground |
---
### 4. Typical Applications
* **Robotics:** For precise joint positioning.
* **Conveyor Systems:** Synchronizing speeds across multiple motors via Ethernet.
* **Packaging Machinery:** High-speed timing and registration.
- ⤷
What is the difference between an absolute and an incremental encoder?
- ⤷ How do I configure the IP address for an EtherNet/IP encoder?
- ⤷ What is the maximum mechanical speed (RPM) for this 58mm series?