Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-ALT58ISL-R

  • AI
    The **O-CS8-ALT58ISL-R** is a specific industrial-grade electronic component, typically categorized as a **Heavy-Duty Absolute Rotary Encoder**. These devices are used to measure the position, speed, and direction of a rotating shaft, converting mechanical motion into a digital electrical signal. --- ## Technical Specifications & Characteristics Based on the standard nomenclature for this series (often associated with brands like Pepperl+Fuchs or similar industrial automation manufacturers), here are the key electronic parts and features: | Feature | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | Absolute Magnetic/Optical | Retains position data even after power loss. | | **Output Interface** | SSI (Synchronous Serial Interface) | High-speed digital communication for precise data transfer. | | **Resolution** | 13-bit Singleturn / 12-bit Multiturn | High precision (approx. 8192 steps per revolution). | | **Voltage Supply** | 10 V DC ... 30 V DC | Wide input range for industrial power grids. | | **Connection Type** | M12 Connector or Cable | Standard industrial plug-and-play connectivity. | | **Housing Diameter** | 58 mm | The "58" in the part number refers to the standard 58mm flange. | --- ## Internal Electronic Composition The device consists of several critical internal subsystems: ### 1. The Sensing Element * **Disk/Scale:** An internal disk with a coded pattern. * **LED/Photodetector (Optical):** Uses light to read the pattern on the disk. * **Hall Effect Sensors (Magnetic):** Used in rugged environments to detect magnetic field changes if it is a magnetic variant. ### 2. Signal Processing (ASIC) * The raw analog pulses from the sensors are processed by an **Application-Specific Integrated Circuit (ASIC)**. * This chip performs interpolation to increase resolution and calculates the absolute position based on the unique code on the disk. ### 3. Communication Driver * **SSI Interface:** Uses a differential pair (RS-422 standard) to transmit data. This ensures high noise immunity in environments with heavy electromagnetic interference (EMI). * **Galvanic Isolation:** Often includes optocouplers to protect the internal electronics from voltage spikes on the communication lines. --- ## Key Features & Protection * **Code Sequence:** The "R" in the suffix often denotes the counting direction (Right/Clockwise). * **Environmental Protection:** Usually rated **IP65 or IP67**, meaning the electronic parts are vacuum-sealed against dust and water ingress. * **Reverse Polarity Protection:** Prevents the internal circuits from burning out if the power wires are connected incorrectly. --- ## Common Applications * **Robotics:** For precise joint positioning. * **Packaging Machinery:** Coordinating conveyor belt timing. * **CNC Machines:** Providing feedback for axis movement. * **Cranes/Hoists:** Monitoring height and load position.
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the SSI interface on this encoder?
    • ⤷ How does an absolute encoder differ from an incremental encoder in terms of data loss?
    • ⤷ Is there a specific software required to calibrate the O-CS8-ALT58ISL-R?