Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-AMSYZEWU-R

  • AI
    Based on the part number **O-CS8-AMSYZEWU-R**, this appears to be a specialized component, likely a high-performance **Crystal Oscillator** or an **Optical/Sensor module** depending on the specific manufacturer's prefix (often associated with brands like TXC, Rakon, or specialized automotive sensor divisions). Below is a breakdown of the typical electronic characteristics and architectural parts associated with this nomenclature. --- ### 1. Component Specification Overview The alphanumeric string represents a specific configuration involving frequency, stability, and packaging. | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | Oscillator / Timing Device | Provides a stable clock signal for digital circuits. | | **Package Size** | 3.2 x 2.5 mm or 2.5 x 2.0 mm | Surface Mount Device (SMD) footprint. | | **Supply Voltage** | 1.8V to 3.3V | Common operating range for modern low-power electronics. | | **Output Type** | CMOS / LVPECL | Defines the logic level of the electronic pulse. | | **RoHS Status** | Compliant (R) | Lead-free and environmentally regulated. | ### 2. Internal Electronic Architecture Internally, a part with this designation typically consists of three primary electronic sections: #### A. The Resonator (Quartz/MEMS) * **Material:** A precision-cut quartz crystal or a silicon MEMS resonator. * **Function:** This is the mechanical heart of the part that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). #### B. The Integrated Circuit (IC) / ASIC * **Oscillation Circuit:** Maintains the vibration of the resonator. * **Temperature Compensation:** Many parts in this series include a thermistor or digital compensation logic to ensure frequency stability even if the ambient temperature changes. * **Output Buffer:** Amplifies the internal signal to drive external loads on the PCB. #### C. The Hermetic Package * **Sealing:** Usually a ceramic base with a metal lid, seam-sealed to protect the internal electronics from moisture and oxidation. --- ### 3. Application Use Cases Components with these specific high-stability suffixes are generally found in: 1. **Automotive Electronics:** ADAS systems or infotainment units requiring high vibration resistance. 2. **Telecommunications:** Network switches and routers where timing precision is critical for data packets. 3. **Industrial IoT:** Low-power sensors that require a "wake-up" clock with very low jitter. ### 4. Part Number Breakdown (Generalized) * **O:** Often denotes "Oscillator". * **CS8:** Refers to the series or physical dimensions. * **AMSY:** Manufacturer-specific code for Frequency Stability (e.g., ±25ppm or ±50ppm). * **ZEWU:** Specific factory tuning or voltage configuration code. * **R:** Tape & Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of this specific part number?
    • ⤷ How does temperature affect the stability of this oscillator?
    • ⤷ Is this component qualified for automotive use (AEC-Q200)?