O-CS8-AMSYZISL-R
AI

The part number **O-CS8-AMSYZISL-R** appears to follow a specific nomenclature typically associated with high-precision **Oven Controlled Crystal Oscillators (OCXOs)** or specialized timing modules used in telecommunications and aerospace.
Below is a breakdown of the electronic components and specifications generally associated with this class of device.
---
### 1. Technical Specifications Overview
High-performance oscillators like this are designed for environments requiring extreme frequency stability over temperature variations.
| Parameter | Typical Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | OCXO | Oven Controlled Crystal Oscillator |
| **Output Frequency** | Custom (e.g., 10MHz - 100MHz) | Determined by the internal quartz crystal. |
| **Supply Voltage** | 3.3V or 5.0V DC | Standard operating voltage for digital logic. |
| **Stability** | ±0.1 ppb to ±50 ppb | Frequency deviation over temperature. |
| **Package Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Phase Noise** | Low Phase Noise | Critical for high-speed data transmission. |
---
### 2. Internal Electronic Components
An OCXO is not a single part but a sub-system consisting of several internal electronic stages:
* **Quartz Crystal (The Core):** A high-Q factor crystal cut (often SC-cut) that acts as the mechanical resonator.
* **The "Oven" (Heater):** A resistive heating element controlled by a thermal feedback loop to keep the crystal at its "turning point" (a specific temperature where frequency change is minimal).
* **Thermistor:** A temperature sensor that provides feedback to the internal oven controller.
* **Varactor Diode:** Used for electronic frequency tuning (EFC) to allow the user to make fine adjustments to the output.
* **Buffer Amplifier:** Ensures the output signal has enough drive strength and isolates the oscillator from load variations.
---
### 3. Application Use Cases
This specific component is typically found in infrastructure-grade hardware:
1. **5G Base Stations:** Providing the precise timing required for Time Division Duplexing (TDD).
2. **GPS/GNSS Receivers:** Maintaining "holdover" timing when satellite signals are temporarily lost.
3. **Test & Measurement:** Acting as a reference clock for spectrum analyzers or signal generators.
4. **Network Switches:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP applications.
---
### 4. Part Number Breakdown (Generalized)
While manufacturers use proprietary codes, the segments in **O-CS8-AMSYZISL-R** generally represent:
* **O:** Likely denotes **Ovenized**.
* **CS8:** Refers to the physical package size or series (e.g., 9x14mm or 22x25mm).
* **AMSYZ:** Typically encodes temperature range (e.g., -40°C to +85°C) and stability requirements.
* **-R:** Indicates **RoHS compliance** and Tape & Reel packaging.
- ⤷
What is the exact frequency of this specific part number?
- ⤷ How does an OCXO differ from a standard TCXO?
- ⤷ What are the power consumption requirements for the internal heater?