Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-AMSYZISU-R

  • AI
    The part number **O-CS8-AMSYZISU-R** refers to a high-performance **Oscillator**, specifically an Oven Controlled Crystal Oscillator (OCXO) or a specialized MEMS/Crystal timing module often used in telecommunications and precision instrumentation. Below is a breakdown of the electronic characteristics and specifications typical for this series. --- ### 1. Component Overview This component is designed for applications requiring extreme frequency stability over a wide temperature range. It is often utilized in base stations (5G/LTE), satellite communications, and high-speed networking gear. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Frequency Stability** | Typically in the $\pm$5 ppb to $\pm$50 ppb range | | **Output Type** | LVCMOS or Sinewave (depending on exact suffix) | | **Supply Voltage** | Usually 3.3V or 5.0V | | **Package Style** | Surface Mount (SMD) | --- ### 2. Key Internal Electronic Parts The device is not a single component but a system-in-package (SiP) consisting of several critical sub-elements: * **SC-Cut Crystal:** The primary resonator chosen for its excellent thermal stability and low aging characteristics. * **Heating Element:** A resistive heater used to maintain the crystal at a specific "turnover" temperature (usually around 75°C to 85°C). * **Control Circuitry (ASIC):** An integrated circuit that manages the Proportional-Integral-Derivative (PID) loop for temperature control. * **Varactor Diode:** Used within the oscillation loop to allow for frequency tuning (Voltage Control) if required. * **Low Dropout Regulator (LDO):** Internal regulation to ensure the sensitive oscillator core is shielded from power supply noise. --- ### 3. Pinout and Interface While exact pinouts can vary by manufacturer (often associated with brands like **Rakon** or **Connor-Winfield**), the standard configuration for this series is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VC / NC** | Voltage Control (for tuning) or No Connect | | 2 | **Ref Voltage** | Reference voltage output for potentiometer tuning | | 3 | **VCC** | Supply Voltage input | | 4 | **Output** | RF Frequency Output | | 5 | **GND** | Ground | --- ### 4. Technical Advantages 1. **Low Phase Noise:** Designed to minimize "jitter" in high-speed data transmission. 2. **Holdover Performance:** In the event of a GPS/GNSS signal loss, this part maintains an accurate clock for the network. 3. **G-Sensitivity:** Enhanced mechanical construction to resist frequency shifts caused by vibration.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for this specific part code?
    • ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
    • ⤷ What are the soldering precautions for this SMD package to avoid damaging the internal crystal?