Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-AMT17EWU-R

  • AI
    The **O-CS8-AMT17EWU-R** is a specific part number typically associated with high-precision **Current Sensors**, often utilizing Hall Effect technology. These components are designed for industrial applications requiring accurate current monitoring and isolation. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Open-Loop Hall Effect Current Sensor | | **Rated Current ($I_{pn}$)** | Typically 8A to 17A (Model specific range) | | **Supply Voltage ($V_c$)** | +5.0 VDC (Standard) | | **Output Type** | Ratiometric Analog Voltage | | **Accuracy** | High precision with low thermal drift | | **Mounting Type** | PCB Mount (Through-hole) | --- ### 2. Functional Components This electronic part consists of several integrated sub-systems: 1. **Magnetic Core:** A high-permeability ring or U-core that concentrates the magnetic flux generated by the primary conductor. 2. **Hall Element:** A semiconductor thin-film that generates a voltage (Hall voltage) proportional to the magnetic field. 3. **Signal Conditioning Circuit:** * **Amplifier:** Boosts the millivolt-level Hall voltage. * **Temperature Compensation:** Ensures accuracy despite changes in ambient temperature. 4. **Enclosure:** A flame-retardant (UL94-V0) plastic casing providing electrical isolation between the primary circuit and the output pins. --- ### 3. Pin Configuration (Typical) Most sensors in this AMT series follow a standard 4-pin or 5-pin layout: ```text Pin 1: Vcc (+5V Power) Pin 2: GND (Ground) Pin 3: Vout (Analog Output Signal) Pin 4: Ref (Reference Voltage, if applicable) ``` --- ### 4. Application Areas * **Variable Speed Drives:** Monitoring motor phase currents. * **Photovoltaic Inverters:** Measuring DC current from solar panels. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and load distribution. * **Welding Power Supplies:** High-current feedback control. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the O-CS8-AMT17EWU-R?
    • ⤷ How does the ratiometric output behave if the supply voltage fluctuates?
    • ⤷ What are the recommended thermal management practices for this sensor?