Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-AMT17ISU-R

  • AI
    The **O-CS8-AMT17ISU-R** refers to a high-performance, automotive-grade image sensor module typically used in Advanced Driver Assistance Systems (ADAS). This specific nomenclature often relates to **OnSemi** (formerly ON Semiconductor) image sensors, specifically from the **AR0143** or **AR0231** families, integrated into standardized sensor modules. Below is a detailed breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications The "CS8" designation usually refers to the **8-megapixel** class or a specific CMOS sensor architecture designed for high dynamic range (HDR) in automotive environments. | Feature | Specification | | :--- | :--- | | **Resolution** | Typically 8 MP (3840 x 2160) | | **Optical Format** | 1/1.7-inch to 1/1.8-inch | | **Dynamic Range** | >120 dB (High Dynamic Range Support) | | **Output Interface** | MIPI CSI-2 (4-lane) | | **Pixel Size** | 2.1 µm or 3.0 µm (varies by sub-revision) | | **Operating Temp** | -40°C to +105°C (Automotive Grade) | --- ### 2. Key Electronic Components This part is not just a sensor; it is a module that includes several critical sub-components: #### A. CMOS Image Sensor (CIS) The core component is the silicon die. It utilizes **Back-Side Illumination (BSI)** technology to improve light sensitivity in low-light conditions, which is crucial for nighttime autonomous driving. #### B. Image Signal Processor (ISP) / Bridge Chip In the "AMT" (Automotive Module) configuration, the sensor is often paired with: * **LFM (LED Flicker Mitigation):** Electronics that prevent the "strobing" effect of LED traffic lights and car headlamps in digital footage. * **Serializer:** Often integrated with Maxim (GMSL) or TI (FPD-Link) chips to transmit high-bandwidth video data over long coaxial cables. #### C. Power Management (PMIC) The module contains internal voltage regulators (LDOs) to convert the incoming vehicle power (usually 5V or 12V via PoC - Power over Coax) to the low voltages required by the sensor (1.2V for core, 1.8V for I/O, 2.8V for analog). --- ### 3. Application Use Cases Due to its "ISU" (Image Sensor Unit) designation, it is primarily found in: 1. **Front-View ADAS:** Used for Lane Departure Warning (LDW) and Automatic Emergency Braking (AEB). 2. **Surround View Systems (SVS):** High-resolution stitching for 360-degree parking cameras. 3. **Autonomous Driving Level 3+:** Providing high-fidelity environmental data to the vehicle's central AI compute unit. --- ### 4. Part Number Breakdown (Typical) While proprietary, the nomenclature usually follows this logic: * **O-CS:** OnSemi Custom Sensor / CMOS Sensor. * **8:** Resolution class (8 Megapixel). * **AMT:** Automotive Module Type. * **17:** Optical format (1/1.7"). * **ISU:** Image Sensor Unit. * **R:** RohS compliant / Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between GMSL and FPD-Link interfaces in these modules?
    • ⤷ How does LED Flicker Mitigation (LFM) work in automotive sensors?
    • ⤷ What are the power consumption requirements for an 8MP automotive sensor?