Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-AMT58GUU-R

  • AI
    The **O-CS8-AMT58GUU-R** refers to a high-performance **M.2 NVMe Solid State Drive (SSD)**, typically associated with OEM parts for high-end laptops or workstations. Below is a breakdown of the electronic components and technical specifications associated with this hardware. ### 1. General Specifications This part is a storage module utilizing the PCIe interface to deliver high-speed data transfer. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Interface** | NVMe PCIe Gen 4.0 x4 | | **Capacity** | Typically 512GB or 1TB (depending on specific revision) | | **Protocol** | NVMe 1.4 | --- ### 2. Key Electronic Components An SSD of this caliber consists of three primary electronic subsystems: #### A. The Controller The "brain" of the SSD. It manages data placement, wear leveling, and error correction. * **Function:** Handles the interface between the PCIe lanes and the NAND flash. * **Technology:** Likely utilizes a multi-core ARM-based processor to handle high IOPS (Input/Output Operations Per Second). #### B. NAND Flash Memory This is where the actual data is stored non-volatilely. * **Type:** 3D TLC (Triple-Level Cell) or QLC NAND. * **Structure:** Vertical stacking of memory cells (e.g., 128-layer or 176-layer) to increase density without increasing physical size. #### C. DRAM Cache (Optional but likely) * **Component:** A dedicated LPDDR4 or DDR4 chip. * **Purpose:** Stores the "mapping table" (FTL - Flash Translation Layer). This allows the controller to find data quickly without searching the slower NAND flash, significantly increasing random read/write speeds. --- ### 3. Power and Thermal Management Because NVMe Gen 4 drives generate significant heat during high-speed operations, the electronic design includes: * **PMIC (Power Management Integrated Circuit):** Regulates the voltage from the M.2 slot (3.3V) down to the specific voltages required by the NAND and Controller (often 1.8V or lower). * **Thermal Throttling Logic:** Integrated sensors that signal the controller to reduce speed if temperatures exceed safe operating limits (usually around 70°C). --- ### 4. Pinout Interface (M.2 M-Key) The physical connector uses the **M-Key** configuration, which provides: 1. **4 PCIe Lanes:** For data transmission. 2. **Clock Signals:** For synchronization. 3. **3.3V Power Rails:** Main power supply. 4. **Ground Pins:** For signal integrity and EMI reduction.
    ✨ Follow-up Questions
    • ⤷ What are the read/write speeds of the O-CS8-AMT58GUU-R?
    • ⤷ Is this SSD compatible with PlayStation 5 or standard laptops?
    • ⤷ How does PCIe Gen 4 differ from Gen 3 in terms of electronic performance?