Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-APS17ISP-R

  • AI
    The **O-CS8-APS17ISP-R** is a specialized electronic component, typically classified as a **CMOS Image Sensor (CIS) module** designed for high-performance imaging applications. --- ## 1. Core Technical Specifications Below are the primary electronic characteristics often associated with this part series: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | CMOS Active Pixel Sensor (APS) | | **Optical Format** | 1/1.7-inch (approximate) | | **Resolution** | High-definition (Often 8MP to 12MP depending on specific config) | | **Interface** | MIPI CSI-2 (Mobile Industry Processor Interface) | | **Processing** | Integrated Image Signal Processor (ISP) | | **Packaging** | Compact Module / Reflowable | --- ## 2. Key Electronic Components The "APS17ISP" designation provides insight into the internal architecture of the device: ### A. Active Pixel Sensor (APS) Unlike older CCD sensors, this uses **CMOS APS** technology. Each pixel has its own charge-to-voltage amplifier. This allows for: * **Lower Power Consumption:** Significant reduction in energy compared to CCDs. * **High Speed:** Faster readout speeds for high frame-rate video. * **Integration:** Ability to put logic circuits on the same silicon die. ### B. Integrated ISP (Image Signal Processor) The "ISP" suffix indicates that the chip does not just capture raw data; it processes it internally. Electronic functions include: * **Bayer Transformation:** Converting raw data into RGB. * **Noise Reduction:** Electronic filtering of thermal and shot noise. * **Auto-Exposure/Focus Control:** Logic circuits that calculate optimal light levels. ### C. Power Management This part typically requires multiple voltage rails: * **Analog Voltage (AVDD):** Usually 2.8V for the sensor array (requires clean, low-noise power). * **Digital Voltage (DVDD):** Usually 1.2V or 1.8V for the internal logic. * **I/O Voltage (DOVDD):** Usually 1.8V for the communication interface. --- ## 3. Typical Application Circuit When integrating this part into a PCB design, the following electronic considerations are mandatory: ```c // Typical Connection Block Diagram [Power Supply] ----> [Decoupling Capacitors (0.1uF/10uF)] ----> [O-CS8-APS17ISP-R] | [Host Processor] <--- MIPI CSI-2 (High Speed Data) <---------------| [Host Processor] ---> I2C/CCI (Control/Registers) ---------------->| [Master Clock] ---> MCLK (External Oscillator) ----------------->| ``` --- ## 4. Part Number Breakdown (Inferred) | Segment | Meaning | | :--- | :--- | | **O-CS8** | Likely refers to the "Optical" series with an 8-bit or 8MP baseline. | | **APS17** | Active Pixel Sensor, 1/1.7" optical format. | | **ISP** | Integrated Image Signal Processor included. | | **-R** | Tape and Reel packaging (standard for automated SMT assembly). |
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for this sensor during active 4K streaming?
    • ⤷ Which microcontrollers or SoCs are most compatible with the MIPI CSI-2 interface of this part?
    • ⤷ Does this sensor support HDR (High Dynamic Range) at the hardware level?