O-CS8-APT17EWL-R
AI

The **O-CS8-APT17EWL-R** is a specific part number typically associated with **M12 Circular Connectors** used in industrial automation. This specific model follows the M12 standard, often utilized for sensors, actuators, and industrial Ethernet applications.
---
### 1. Technical Specifications Breakdown
The alphanumeric code provides specific details regarding the physical and electrical characteristics of the component:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Connector Type** | M12 | Industry standard circular connector (12mm thread) |
| **Pin Count** | 8-Pin | High density for signal or data transmission |
| **Coding** | A-Coded | Most common coding for sensors and DC power |
| **Gender** | Female (Socket) | Usually the "receiving" end on a device or panel |
| **Termination** | Solder or Wire Lead | Depends on the specific "WL" suffix |
| **Mounting** | Panel Mount | Designed to be fixed onto an equipment housing |
---
### 2. Key Electronic Features
#### Signal Integrity and Shielding
* **EMI/RFI Protection:** Often features 360° shielding to prevent electromagnetic interference, crucial for high-speed data or sensitive sensor signals.
* **Contact Resistance:** Typically < 5 mΩ to ensure minimal power loss and heat generation.
#### Electrical Ratings
* **Voltage Rating:** Usually rated for **30V to 60V AC/DC** (Standard for 8-pin M12).
* **Current Rating:** Approximately **2A per contact**, though this can vary based on the wire gauge used.
* **Insulation Resistance:** > 100 MΩ.
---
### 3. Environmental and Mechanical Construction
The "R" and "EWL" suffixes often refer to environmental sealing and lead orientations:
* **IP Rating:** Generally **IP67 or IP68**, meaning it is dust-tight and can withstand immersion in water.
* **Housing Material:** Nickel-plated brass or stainless steel for corrosion resistance.
* **Operating Temperature:** Typically rated from **-25°C to +85°C**, making it suitable for factory floor environments.
---
### 4. Common Applications
* **Industrial Ethernet:** Used in Cat5e applications when wired appropriately.
* **Sensors/Actuators:** Connecting complex proximity sensors or vision systems that require more than 4 wires.
* **PLCs:** Serving as the interface point on Programmable Logic Controllers.
---
- ⤷
What is the specific pinout diagram for the A-coded 8-pin configuration?
- ⤷ How does IP67 rating compare to IP69K for this connector?
- ⤷ What are the recommended wire gauges (AWG) for the APT17EWL series?