O-CS8-APT17GUP-R
AI

The **O-CS8-APT17GUP-R** is a specialized high-performance coaxial connector, typically used in radio frequency (RF) and microwave applications. It belongs to the **SMP (Sub-Miniature Push-on)** or similar high-frequency interface families, often utilized in telecommunications and aerospace sectors.
### 1. Technical Specifications
The following table outlines the general technical characteristics associated with this part number:
| Parameter | Description |
| :--- | :--- |
| **Connector Type** | SMP (Sub-Miniature Push-on) Male |
| **Interface Style** | Smooth Bore / Limited Detent (Application dependent) |
| **Body Material** | Stainless Steel or Brass (Gold Plated) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
| **Impedance** | 50 Ohms |
| **Frequency Range** | DC to 18 GHz (or higher depending on variant) |
| **Mounting Type** | Surface Mount / PCB Edge Mount |
---
### 2. Key Electronic Components & Design
The assembly of the O-CS8-APT17GUP-R involves several critical internal parts:
* **Center Contact:** The internal pin responsible for signal transmission. It is usually made of Beryllium Copper (BeCu) for high conductivity and elasticity.
* **Insulator (Dielectric):** Typically made of **PTFE (Teflon)**. This maintains the 50-ohm impedance and ensures electrical isolation between the center pin and the outer body.
* **Outer Body/Shell:** Provides the mechanical structure and grounding path. The "APT" designation often refers to specialized plating techniques to ensure low intermodulation distortion (PIM) and corrosion resistance.
* **Solder Pads/Leads:** The "GUP" suffix often relates to the lead geometry (e.g., Gull-wing or Flat-pack) intended for automated SMT (Surface Mount Technology) assembly.
---
### 3. Applications
Due to its small form factor and high-frequency capabilities, this part is used in:
1. **5G Base Stations:** High-density board-to-board connections.
2. **Phased Array Antennas:** Where space is limited and signal integrity is paramount.
3. **Test & Measurement Equipment:** Used as a durable interface for high-speed signal sampling.
4. **Satellite Communications:** Lightweight and vibration-resistant interconnects.
---
### 4. Implementation Example
When integrating this part into a PCB layout, the footprint must be precisely tuned to minimize Return Loss.
```c
// Example Design Constraint for High-Frequency PCB Layout
struct RF_Connector_Specs {
float impedance = 50.0; // Target Ohms
float freq_max = 18.0; // GHz
bool is_surface_mount = true;
};
```
- ⤷What is the difference between 'Smooth Bore' and 'Limited Detent' for this connector?
- ⤷ What are the recommended soldering temperature profiles for the O-CS8 series?
- ⤷ How does the gold plating thickness affect its durability in high-cycle applications?