O-CS8-APT17ISU-R
AI

The part number **O-CS8-APT17ISU-R** refers to a high-performance **Clock Oscillator** or **TCXO (Temperature Compensated Crystal Oscillator)**, typically used in high-stability communication systems.
Below is the detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
This component is designed to provide a highly stable frequency reference. The suffixing and prefixing suggests it is a surface-mount device (SMD) often utilized in industrial or telecommunications environments.
### Core Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Frequency Stability** | High (often ±0.5ppm to ±2.5ppm depending on exact series) |
| **Output Type** | CMOS / Clipped Sine Wave |
| **Supply Voltage** | Usually 1.8V, 2.5V, or 3.3V |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Pin Configuration (Typical)
Most oscillators in this series follow a standard 4-pin or 6-pin footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Vcont | No connection or Voltage Control (for VCTCXO) |
| **2** | GND | Ground Connection |
| **3** | Output | Frequency Output Signal |
| **4** | Vcc | Supply Voltage |
---
## 3. Key Electronic Features
1. **Temperature Compensation:** Unlike standard crystals, this part includes internal circuitry to compensate for frequency "drift" caused by changes in ambient temperature.
2. **Low Phase Noise:** Engineered to minimize jitter, making it suitable for RF transceivers and GPS/GNSS modules.
3. **Tape & Reel (-R):** The suffix **-R** indicates that the parts are packaged in a Tape and Reel format, optimized for automated pick-and-place assembly lines.
---
## 4. Typical Applications
* **Wireless Communication:** Base stations, small cells, and IoT gateways.
* **Navigation:** GNSS/GPS receivers requiring precise timing for location fixes.
* **Networking:** Synchronous Ethernet (SyncE) and high-speed routers.
* **Industrial:** Sensors and controllers operating in fluctuating temperature environments.
---
## 5. Technical Comparison
| Feature | Standard Crystal | O-CS8-APT17ISU-R (TCXO) |
| :--- | :--- | :--- |
| **Internal Logic** | None (Passive) | Active (Oscillator + Comp) |
| **Stability** | ~50 ppm | ~2 ppm |
| **Power Req.** | None | Required (Vcc) |
- ⤷
What is the exact frequency of the O-CS8-APT17ISU-R in MHz?
- ⤷ Can you provide the physical dimensions for the CS8 package style?
- ⤷ What are the specific power consumption ratings for this oscillator?