Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-APT58GUL-R

  • AI
    The **O-CS8-APT58GUL-R** is a high-performance, integrated Microwave Sensor Module primarily used for motion detection using Doppler radar technology. It operates in the 5.8GHz ISM band. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Frequency** | 5.8 GHz ± 75 MHz | | **Input Voltage (VCC)** | 4.5V to 12V (Typical 5V) | | **Operating Current** | 30mA - 50mA | | **Detection Distance** | 0.5m to 8m (Adjustable) | | **Output Signal** | 3.3V High/Low Level (TTL) | | **Delay Time** | Adjustable (2s to 30s typical) | | **Photosensitive Control** | Supported (CDS Pin) | --- ### 2. Core Electronic Components & Architecture The module is composed of several critical stages that allow it to function as a motion detector: #### A. Microwave Oscillator & Antenna The module uses a PCB-integrated **Patch Antenna**. It emits a low-power 5.8GHz electromagnetic wave. When these waves hit a moving object, they reflect back with a frequency shift (Doppler Effect). #### B. The Signal Processing IC The "brain" of the module is usually a specialized SOC (System on Chip) or an ASIC designed for radar signal processing. * **Mixer:** Combines the transmitted and received signals to extract the low-frequency "beat" signal. * **Amplifier:** Since the reflected signal is extremely weak, multi-stage operational amplifiers increase the signal amplitude. * **Comparator:** Converts the analog movement signal into a digital HIGH/LOW pulse for the MCU. #### C. Adjustment Potentiometers (Control) On the back of the PCB, you will typically find two adjustable resistors (trimmer pots): 1. **SENS (Sensitivity):** Adjusts the detection range/distance. 2. **TIME (Delay):** Adjusts how long the output remains "High" after motion is detected. --- ### 3. Pinout Description The module generally follows a standard 3-pin or 5-pin interface: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Input | Positive supply (4.5V - 12V). | | **GND** | Ground | Common negative terminal. | | **OUT** | Control Output | High (3.3V) when motion is detected; Low (0V) when idle. | | **CDS** | Light Sensor | Optional connection for a photoresistor to disable the sensor during daylight. | --- ### 4. Comparison: 5.8GHz Microwave vs. PIR Compared to standard Passive Infrared (PIR) sensors: * **Penetration:** 5.8GHz signals can pass through thin walls, glass, and plastic. * **Stability:** It is not affected by ambient temperature or airflow (unlike PIR). * **Sensitivity:** Much higher sensitivity to tiny movements (like breathing or typing).
    ✨ Follow-up Questions
    • ⤷How do I interface this module with an Arduino or ESP32?
    • ⤷ Can the 5.8GHz signal penetrate metal enclosures?
    • ⤷ How does the CDS pin function to save power during the day?