Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • O-CS8-APT58ISU-R

  • AI
    The **O-CS8-APT58ISU-R** is a specific industrial-grade sensor or communication component, typically associated with automated identification or industrial sensing systems (often linked to brands like Balluff or specialized RF/Optical sensor manufacturers). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications This device is designed for high-performance sensing or data transmission in harsh environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Optical/Electronic Sensor or Interface Module | | **Operating Voltage** | Typically 18–30V DC | | **Interface** | Integrated Circuit (IC) with proprietary communication protocols | | **Protection Class** | IP67 or higher (Dust and water-resistant) | | **Connection Type** | M12 or M8 industrial connector interface | | **Housing Material** | Nickel-plated brass or Stainless steel | --- ### 2. Core Electronic Architecture The internal circuitry of the O-CS8-APT58ISU-R consists of several key stages: 1. **Signal Processing Unit (ASIC):** The heart of the device is an Application-Specific Integrated Circuit (ASIC) that converts physical inputs (optical or electromagnetic) into digital signals. 2. **Power Conditioning:** Includes reverse polarity protection and surge suppression to ensure the sensitive internal electronics are not damaged by fluctuating industrial power supplies. 3. **Output Stage:** Features solid-state switching (usually PNP or NPN) or a digital data bus interface (like IO-Link or RS485) for communicating with a PLC (Programmable Logic Controller). 4. **Status Indicators:** Integrated Surface Mount (SMD) LEDs for visual feedback regarding power status and switching state. --- ### 3. Usage Context This part is commonly used in: * **Conveyor Systems:** For object detection and positioning. * **Assembly Lines:** Where high-speed switching and reliability are required. * **Robotics:** As a feedback sensor for end-of-arm tooling. --- ### 4. Implementation Example If integrating this part into a standard industrial control system, the wiring logic usually follows this pattern: ```yaml Pin_Configuration: Pin_1: +24V DC (Brown) Pin_2: Configuration/Program (White) Pin_3: 0V / Ground (Blue) Pin_4: Signal Output / Switching (Black) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact sensing range of the O-CS8-APT58ISU-R?
    • ⤷ Is this part compatible with IO-Link communication protocols?
    • ⤷ Which specific brand manufactures this part number?