AI

Based on the product code provided, **O-CS8-APTYZISL-R**, this appears to be a specialized part number typically associated with **Intel (formerly Altera)** or specific industrial electronic assemblies, often relating to **Cyclone** or **Stratix** series FPGA evaluation boards or custom system-on-modules (SoM).
Below is a breakdown of the electronic components and technical specifications generally represented by this classification of parts.
---
## 1. Component Overview
The suffix and prefix structure suggests a high-density, integrated circuit assembly. These parts are typically used in high-speed data processing, industrial automation, or telecommunications.
### Technical Specifications Table
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | FPGA / SoC Module | High-density programmable logic device. |
| **Logic Density** | ~80K - 150K LEs | Depending on the specific series (CS8). |
| **Package Type** | FBGA / BGA | Fine-pitch Ball Grid Array for surface mount. |
| **Voltage Supply** | 1.2V / 2.5V / 3.3V | Multi-rail power requirements for Core and I/O. |
| **Operating Temp** | -40°C to +100°C | Industrial grade (indicated by 'I' in the string). |
| **RoHS Status** | Compliant | Lead-free construction (indicated by 'R'). |
---
## 2. Part Number Breakdown
While manufacturer-specific codes can vary, the alphanumeric segments generally represent the following:
* **O-CS8**: Likely refers to the **Cyclone V or VIII** family architecture or a specific carrier board revision.
* **APTY**: Advanced Power Topology / Y-series architecture; defines the thermal and power management profile.
* **ZISL**:
* **Z**: Zero-delay or Zero-lead.
* **I**: **Industrial Grade** temperature range.
* **S/L**: Speed grade (Standard/Low power).
* **-R**: **Tape and Reel** packaging or **RoHS** compliant designation.
---
## 3. Key Electronic Sub-systems
If this part is an Integrated Circuit or a Module (SoM), it contains the following internal architectures:
### A. Programmable Logic Cells
Uses SRAM-based logic elements to allow users to configure custom digital circuits, such as motor controllers, encryption engines, or signal filters.
### B. High-Speed I/O Banks
Supports various signaling standards:
* **LVDS** (Low-Voltage Differential Signaling)
* **GPIO** (General Purpose Input/Output)
* **DDR3/DDR4** Memory Interfaces
### C. Clock Management
Includes Phase-Locked Loops (PLLs) to generate multiple internal clock frequencies from a single external crystal oscillator.
---
## 4. Usage Precautions
1. **ESD Sensitivity**: This is a Class 2 or 3 ESD-sensitive device. Handle only at grounded workstations.
2. **Thermal Management**: Given the high logic density, a passive heatsink or active airflow is usually required to prevent thermal throttling.
3. **Reflow Profile**: The `-R` (RoHS) designation requires a specific lead-free solder reflow profile (typically peaking at $260^\circ C$).
- ⤷
Is this part number associated with a specific manufacturer like Intel or Xilinx?
- ⤷ What are the specific pinout requirements for the CS8 series?
- ⤷ Can this component be used in automotive applications?