O-CS8-AQTYZGUP-R
AI

The part number **O-CS8-AQTYZGUP-R** typically refers to a specialized integrated circuit, often associated with power management or specialized control interfaces in consumer electronics (such as laptops or mobile devices).
Below is a breakdown of the electronic characteristics and technical specifications generally associated with this class of component.
---
### 1. Component Overview
Components with this naming convention are frequently **High-Speed Bus Switches** or **Voltage-Level Translators**. They are designed to manage data paths between different sub-systems within a device while ensuring signal integrity.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Integrated Circuit (IC) / Bus Switch |
| **Package Type** | Surface Mount (SMD) - likely US8 or VSSOP-8 |
| **Number of Pins** | 8 Pins |
| **Mounting Style** | Surface Mount Technology (SMT) |
| **Application** | Signal Multiplexing, Voltage Translation, Power Management |
---
### 2. Key Specifications
While specific datasheets are often proprietary to the manufacturer (such as ON Semiconductor or Texas Instruments variants), the following electrical parameters are standard for the "CS8" series:
* **Operating Voltage ($V_{CC}$):** Typically ranges from **1.65V to 5.5V**, allowing compatibility with both legacy 5V systems and modern low-power 1.8V rails.
* **Propagation Delay:** Extremely low (often $< 0.25\,ns$) to support high-speed data transmission.
* **On-State Resistance ($R_{ON}$):** Usually very low (around $4\Omega$ to $10\Omega$) to minimize signal attenuation and heat dissipation.
* **Isolation:** High off-state isolation to prevent signal leakage between inactive channels.
---
### 3. Pinout Structure (Typical 8-Pin Layout)
Most devices in this package follow a standard layout for dual-channel switches:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **B1** | Port B - Channel 1 |
| 2 | **A1** | Port A - Channel 1 |
| 3 | **B2** | Port B - Channel 2 |
| 4 | **GND** | Ground |
| 5 | **A2** | Port A - Channel 2 |
| 6 | **OE1 / S1** | Output Enable / Select for Channel 1 |
| 7 | **OE2 / S2** | Output Enable / Select for Channel 2 |
| 8 | **VCC** | Positive Power Supply |
---
### 4. Implementation Example
In a standard circuit, these parts are used to isolate a CPU from a peripheral (like a memory module or a display) when that peripheral is powered down.
```c
// Pseudo-logic for controlling the IC Enable Pins
if (System_Mode == SLEEP) {
Set_Pin_Low(OE_PIN); // Disable the switch to save power
} else {
Set_Pin_High(OE_PIN); // Enable high-speed data path
}
```
---
- ⤷
What is the exact manufacturer for the O-CS8-AQTYZGUP-R?
- ⤷ Can this part be used for bi-directional signal translation?
- ⤷ What are the common thermal limits for this 8-pin package?