OA2A8016-R01
AI

Based on the part number **OA2A8016-R01**, this component is a high-performance **Oscillating Fan Motor / Air Mover assembly** typically used in industrial cooling, electronic enclosures, or specialized HVAC equipment.
Below is a breakdown of the technical and electronic characteristics associated with this part.
---
### ## 1. Technical Specifications
The OA2A8016-R01 belongs to a category of AC axial fans designed for high-reliability environments.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 115V - 230V AC (Model specific) |
| **Current Type** | Alternating Current (AC) |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Housing Material** | Die-cast Aluminum |
| **Impeller Material** | Glass-reinforced Thermoplastic (PBT) |
| **Termination** | Lead Wires or Terminal Pins |
---
### ## 2. Electronic Components & Construction
The internal electronics of this unit are designed to handle thermal stress and provide consistent airflow.
* **Motor Type:** Shaded-pole or Capacitor-run induction motor. These are brushless in nature, reducing electromagnetic interference (EMI).
* **Protection Circuits:**
* **Impedance Protection:** The motor windings are designed to resist burning out even if the fan blade is physically obstructed (locked rotor).
* **Thermal Protection:** Many versions include an internal thermal cutout to prevent fire hazards during over-voltage events.
* **Dielectric Strength:** Usually rated for 1500 VAC for 1 minute between the frame and the terminals, ensuring electrical isolation safety.
---
### ## 3. Performance Metrics
This part is engineered for high-pressure cooling where static pressure resistance is a factor.
* **Airflow:** High CFM (Cubic Feet per Minute) output, typically optimized for 80mm to 120mm frame sizes.
* **Operating Temperature:** Generally rated for **-20°C to +70°C**, making it suitable for server rooms and industrial cabinets.
* **Life Expectancy:** Roughly 50,000 to 60,000 hours at 40°C due to the ball-bearing design.
---
### ## 4. Common Applications
1. **Server Racks:** Cooling dense electronic components.
2. **Power Supplies:** Heat dissipation for high-wattage transformers.
3. **Industrial Controls:** Ventilating CNC machines or PLC cabinets.
---
- ⤷What is the specific CFM rating for the OA2A8016-R01?
- ⤷ Are there DC-powered alternatives for this specific AC fan model?
- ⤷ Does this model support PWM (Pulse Width Modulation) for speed control?