Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OA2A8020-R010

  • AI
    ### OA2A8020-R010: Electronic Component Overview The **OA2A8020-R010** is an **Oxygen Sensor** (specifically a galvanic cell type) primarily used in medical and industrial respiratory equipment. It is designed to measure the partial pressure of oxygen in gas mixtures. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Measurement Range** | 0 to 100% Oxygen | | **Output Signal** | 9 mV to 13 mV (in ambient air) | | **Response Time (T90)** | < 15 seconds | | **Electrical Interface** | 3-pin Molex or modular jack (typical) | | **Accuracy** | ± 1% volume O2 | | **Operating Temperature** | 0°C to 40°C | | **Pressure Range** | 600 to 1750 hPa | --- ### 2. Internal Electronic Structure Unlike a standard semiconductor, the OA2A8020-R010 operates as a **chemical battery** where the "fuel" is the oxygen it encounters. 1. **The Cathode:** Typically made of a noble metal (Gold or Platinum). This is where oxygen molecules are reduced. 2. **The Anode:** Made of Lead (Pb). This is the sacrificial element that oxidizes during the reaction. 3. **Electrolyte:** An acidic or alkaline liquid/gel that facilitates the movement of ions between the electrodes. 4. **Temperature Compensation:** This sensor includes internal **NTC Thermistors**. Because chemical reactions are temperature-dependent, the thermistor adjusts the output resistance to ensure a consistent voltage regardless of ambient temperature changes. --- ### 3. Working Principle (Electrochemistry) The sensor generates a current proportional to the rate of oxygen consumption. The chemical reaction is represented as: * **Cathode:** $O_2 + 2H_2O + 4e^- \rightarrow 4OH^-$ * **Anode:** $2Pb + 4OH^- \rightarrow 2PbO + 2H_2O + 4e^-$ The resulting flow of electrons creates a low-voltage DC signal (millivolts) that is read by the host device's Analog-to-Digital Converter (ADC). --- ### 4. Application and Integration The OA2A8020-R010 is commonly integrated into: * **Ventilators & Anesthesia Machines:** To monitor the O2 concentration delivered to patients. * **Oxygen Concentrators:** To verify the purity of the generated gas. * **Diving Equipment:** In Rebreathers to monitor breathing loop oxygen levels. --- ### 5. Maintenance and Lifespan * **Shelf Life:** Usually 6 months in original packaging. * **Operating Life:** Approximately 1,000,000 %-hours (roughly 2-3 years in air). * **End-of-Life Sign:** When the output voltage drops below 9mV in ambient air or the response time becomes sluggish, the lead anode is depleted, and the sensor must be replaced.
    ✨ Follow-up Questions
    • ⤷ How does the temperature compensation circuit inside the OA2A8020-R010 function?
    • ⤷ What are the common failure modes for this specific oxygen sensor?
    • ⤷ Can this sensor be used in environments with high CO2 concentrations?