OA2AA2720-R010
AI

The part number **OA2AA2720-R010** typically refers to a **Power Shunt Resistor** or a specialized current-sensing resistor. These components are essential in power electronics for monitoring current flow by measuring the voltage drop across a known resistance.
---
### 1. General Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Metal Alloy Shunt Resistor |
| **Resistance Value** | 10 mΩ (milliohms) |
| **Tolerance** | Usually ±1% or ±5% (depending on the R010 suffix variant) |
| **Power Rating** | High wattage (typically 3W to 7W depending on thermal management) |
| **Technology** | Electron Beam Welding / Metal Plate |
---
### 2. Key Features
* **Low Resistance:** The "R010" indicates a resistance of 0.010 Ohms (10mΩ), which minimizes power loss ($P = I^2R$) while sensing current.
* **High Precision:** Designed for stability over a wide temperature range (Low TCR - Temperature Coefficient of Resistance).
* **AEC-Q200 Compliance:** Most parts in this category are automotive-grade, meaning they are tested for high vibration, thermal shock, and reliability.
* **Material:** Often constructed using Manganin or NiCr alloys welded to copper terminals.
---
### 3. Typical Applications
These resistors are used in circuits where high current needs to be measured accurately:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or portable power stations.
2. **Motor Control:** Providing feedback loops for industrial motor drives and BLDC controllers.
3. **DC-DC Converters:** Sensing output current for overcurrent protection.
4. **Power Inverters:** Used in solar power systems to monitor AC/DC conversion stages.
---
### 4. Part Number Breakdown (Standardized)
| Code Segment | Meaning |
| :--- | :--- |
| **OA2** | Manufacturer/Series Series designation (often related to size) |
| **AA2720** | Physical Case Size (e.g., 27mm x 20mm or similar metric footprints) |
| **R010** | Resistance Value (R010 = 0.010 $\Omega$ or 10m$\Omega$) |
---
- ⤷
What is the maximum current capacity for a 10m\u03a9 shunt resistor at 5 Watts?
- ⤷ How does temperature coefficient (TCR) affect the accuracy of this part?
- ⤷ What are the recommended soldering techniques for large metal plate resistors?