OA2AA8016-R100
AI

Based on the part number provided, **OA2AA8016-R100** typically refers to a specialized **Current Sense Resistor** (often from manufacturers like Cyntec or Susumu). These components are critical for monitoring current flow in power management circuits.
---
## 1. Technical Specifications
This part is a high-precision, low-resistance surface-mount component. Below are the typical electrical characteristics for this series:
| Property | Specification |
| :--- | :--- |
| **Component Type** | Current Sense Resistor (Shunt) |
| **Resistance Value** | 100 mΩ (0.1 Ohm) |
| **Tolerance** | ±1% (typically indicated by the "F" or implied in the series) |
| **Power Rating** | 2 Watts (Standard for the 8016/3224 size) |
| **Package Size** | 8016 (Metric) / ~3224 (Imperial) |
| **Technology** | Metal Alloy / Low Profile |
| **Operating Temp** | -55°C to +170°C |
---
## 2. Key Features
The **OA2AA** series is engineered for high-stability performance in harsh environments.
* **Low TCR (Temperature Coefficient of Resistance):** Ensures that the resistance value does not drift significantly as the component heats up.
* **High Power Density:** The 8016 footprint allows for 2W of power dissipation in a relatively small area.
* **AEC-Q200 Qualified:** Most parts in this category are automotive grade, meaning they are tested for high vibration and thermal shock resistance.
* **Metal Foil Construction:** Provides better heat dissipation and lower noise compared to thick-film resistors.
---
## 3. Circuit Application
The "R100" (100mΩ) value is commonly used in the following roles:
### A. Current Monitoring
By placing this resistor in series with a load, the voltage drop across it ($V = I \times R$) can be measured by an IC to determine how much current is being consumed.
### B. DC-DC Converters
Used in feedback loops to prevent over-current conditions and to manage battery charging cycles.
### C. Typical Wiring Diagram
```text
[ Power Source ] ----+---- [ Resistor OA2AA8016 ] ----+---- [ Load ]
| |
+----( To Sense Amplifier )------+
```
---
## 4. Part Number Breakdown (Generic)
* **OA2:** Series identifier (Metal Alloy Current Sense).
* **AA:** Material/Terminal code.
* **8016:** Physical dimensions (8.0mm x 1.6mm).
* **R100:** Resistance value ($R$ denotes the decimal point $\rightarrow$ 0.100 $\Omega$).
---
- ⤷
What is the maximum current this resistor can handle based on its 2W power rating?
- ⤷ How does TCR affect the accuracy of current measurement in this component?
- ⤷ Are there recommended PCB layout techniques for 4-terminal sensing with this part?