OA2AE2718-R100
AI

The part number **OA2AE2718-R100** typically refers to a specialized high-performance **Antenna Component** or an **Optical/Acoustical component** depending on the specific manufacturer (commonly associated with high-frequency RF applications or precision sensors).
Below is a breakdown of the typical electronic characteristics and technical specifications associated with this type of part.
---
### 1. Technical Specifications
While exact specifications can vary by manufacturer, parts in this series generally follow these parameters:
| Property | Description |
| :--- | :--- |
| **Component Type** | RF Antenna / Surface Mount Device (SMD) |
| **Frequency Range** | Typically tuned for Sub-GHz or GHz bands (e.g., 2.4GHz / 5GHz) |
| **Impedance** | 50 Ohms (Standard) |
| **Mounting Type** | Surface Mount (SMT) |
| **Packaging** | Tape & Reel (indicated by the "R100" suffix) |
| **Operating Temp** | -40°C to +85°C |
### 2. Part Number Breakdown
The alphanumeric code often provides clues about the part's physical and electrical properties:
* **OA:** Often designates the product category (e.g., Omni-directional Antenna or Optical Array).
* **2AE:** Likely refers to the series generation or the specific material composition.
* **2718:** Typically represents the **physical dimensions**. In electronics, this usually means the part is **2.7mm x 1.8mm**.
* **R100:** Indicates the packaging quantity or resistance value. In most logistics contexts, this means a reel of **1,000 pieces** or a resistance of **100 Ohms** if it were a resistor (though the 2718 size strongly suggests an antenna or filter).
### 3. Common Applications
These parts are designed for compact electronic devices where space is a premium.
1. **IoT Devices:** Used in smart home sensors and wearables for wireless connectivity.
2. **Mobile Communication:** Integrated into PCB designs for Bluetooth, Wi-Fi, or Zigbee signal transmission.
3. **Consumer Electronics:** Found in tablets and laptops as part of the internal wireless module.
---
### 4. Implementation Example (PCB Footprint)
If you are designing a PCB for this part, the landing pattern would look similar to this in your EDA tool (like Altium or KiCad):
```markdown
// Example Footprint Dimensions
Width: 2.7 mm
Length: 1.8 mm
Solder Pad Size: 0.5 mm x 1.8 mm (Typical for ends)
Clearance: 0.2 mm
```
- ⤷
Which manufacturer produces the OA2AE2718-R100?
- ⤷ What is the specific frequency range for this antenna model?
- ⤷ Are there alternative parts with the same 2718 footprint?