OA2AE2720-R100
AI

The **OA2AE2720-R100** is an electronic component primarily associated with power electronics, specifically serving as a high-current, high-frequency **Surface Mount Device (SMD) Power Inductor**. These parts are critical in modern DC-DC converters and voltage regulator modules (VRMs).
---
### 1. Technical Specifications
The part number typically follows a standardized nomenclature used by manufacturers (often found in the automotive or high-reliability industrial sectors). Below are the estimated technical characteristics based on this component class:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 100 nH (0.10 µH) |
| **Tolerance** | ±10% or ±20% |
| **Mounting Type** | Surface Mount (SMD) |
| **Construction** | Ferrite Core / Molded |
| **Current Rating (Isat)** | High Current (often 40A - 70A+) |
| **DCR (DC Resistance)** | Ultra-low (mΩ range) |
---
### 2. Physical Characteristics
* **Dimensions:** The "2720" in the part number often refers to the package size (e.g., 2.7mm x 2.0mm or similar footprint dimensions depending on the manufacturer's grid system).
* **Structure:** It is usually a **shielded inductor**. This design ensures that electromagnetic interference (EMI) is minimized, protecting surrounding sensitive components on the PCB.
* **Terminations:** Features robust metal pads designed for reflow soldering, capable of handling high thermal stress.
---
### 3. Core Functions
The OA2AE2720-R100 performs several vital roles within a circuit:
1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle.
2. **Filtering:** It smoothes out high-frequency ripple currents from the output of power supplies to provide a stable DC voltage.
3. **Impedance:** It provides high impedance to AC signals while allowing DC to pass with minimal resistance.
---
### 4. Common Applications
Due to its low inductance and high current capability, this part is ideal for:
* **Graphics Cards (GPUs):** Powering high-performance processors.
* **Server Motherboards:** Used in multi-phase VRMs for CPUs.
* **Automotive Electronics:** Powering infotainment and ADAS systems.
* **Point of Load (POL) Converters:** Converting a main bus voltage (e.g., 12V) down to lower voltages (e.g., 1.2V).
---
- ⤷
What is the significance of the R100 suffix in inductor part numbers?
- ⤷ How does the saturation current (Isat) affect the performance of this inductor?
- ⤷ What are the alternatives to SMD inductors in high-power applications?