OBR1000-R2-E2
AI

The **OBR1000-R2-E2** is a subminiature retroreflective photoelectric sensor manufactured by Pepperl+Fuchs. It is designed for high-precision detection in space-restricted environments.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and operational characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Effective Detection Range** | 0 ... 1000 mm |
| **Operating Voltage** | 10 ... 30 V DC |
| **No-load Supply Current** | < 10 mA |
| **Output Type** | 1 PNP output, short-circuit protected, reverse polarity protected, open collector |
| **Switching Type** | NO (Normally Open) - Light ON |
| **Switching Voltage** | Max. 30 V DC |
| **Switching Current** | Max. 50 mA |
| **Voltage Drop** | $\le$ 1.5 V DC |
| **Switching Frequency** | Approx. 800 Hz |
| **Response Time** | 600 $\mu$s |
---
### 2. Internal Electronic Components & Operation
#### A. Light Source (Emitter)
The device utilizes a **Red LED (630 nm)**. The light is modulated to ensure the sensor distinguishes its own signal from ambient light interference.
#### B. Output Stage (PNP E2)
The "E2" designation specifically refers to the output configuration:
* **PNP Logic:** When the object is detected (or light path is clear, depending on logic), the sensor connects the output load to the positive supply voltage ($V+ \rightarrow$ Load $\rightarrow$ Ground).
* **Open Collector:** This allows the sensor to act as a switch for external loads up to 50 mA.
#### C. Connection Diagram
The sensor typically uses a 3-wire configuration. Below is a representation of the wiring logic:
```markdown
Wire Color | Assignment | Function
-----------|------------|-------------------------
Brown (L+) | +V | Positive Supply (10-30V)
Blue (L-) | 0V | Ground/Negative Supply
Black (Q) | Output | PNP Switching Signal
```
---
### 3. Integrated Protection & Diagnostics
The electronics include several built-in safeguards to ensure longevity:
* **Reverse Polarity Protection:** Prevents damage if the power leads are swapped.
* **Short-Circuit Protection:** Protects the output stage if the load exceeds 50mA or if the signal wire is grounded.
* **LED Indicators:**
* **Green LED:** Power on.
* **Yellow LED:** Lights up when the output is active (detection status).
- ⤷
What is the difference between the E2 (PNP) and E0 (NPN) models?
- ⤷ Which reflectors are recommended for use with the OBR1000-R2-E2?
- ⤷ How does the 'Light ON' switching logic function in this specific model?