OBR1000-R3-E2
AI

The **OBR1000-R3-E2** is a high-performance subminiature retroreflective photoelectric sensor manufactured by Pepperl+Fuchs. It is designed for space-constrained industrial applications requiring reliable object detection.
---
### ## Technical Specifications
The following table outlines the key electrical and operational parameters of the OBR1000-R3-E2:
| Feature | Specification |
| :--- | :--- |
| **Detection Principle** | Retroreflective (Requires a reflector) |
| **Operating Voltage** | 10 ... 30 V DC |
| **Output Type** | 1 PNP output, short-circuit protected, reverse polarity protected |
| **Switching Type** | NO (Normally Open) / Dark-ON |
| **Detection Range** | 0 ... 1000 mm |
| **Light Source** | Red LED (modulated visible light) |
| **Switching Frequency** | approx. 1000 Hz |
| **Response Time** | 0.5 ms |
| **Connection** | 2m fixed cable or M8 plug (depending on sub-variant) |
---
### ### Core Electronic Components & Logic
#### 1. Light Emitter and Receiver
The device houses a **Modulated Red LED**. The modulation ensures that the receiver only recognizes light pulsing at a specific frequency, preventing false triggers from ambient shop lighting or sunlight.
#### 2. The PNP Switching Output (E2)
The "E2" suffix signifies the electronic output configuration:
* **PNP Logic:** When an object is detected (or the beam is broken), the sensor connects the output wire to the positive supply voltage ($+V$).
* **Dark-ON:** This specific model typically triggers the output when the receiver **does not** see the reflected light (i.e., an object is blocking the beam).
#### 3. Protection Circuitry
The internal electronics are ruggedized for industrial environments:
* **Reverse Polarity Protection:** Prevents damage if the DC power wires are swapped.
* **Short-Circuit Protection:** Protects the internal transistors if the output load is shorted to ground.
---
### ### Wiring Diagram Representation
The electrical connection typically follows the standard industrial color code:
```yaml
Brown (1): +10...30V DC
Blue (3): 0V (GND)
Black (4): Signal Output (PNP / Dark-ON)
```
---
### ### Key Application Advantages
* **Subminiature Design:** The electronics are miniaturized to fit into a housing roughly the size of a thumbnail, making it ideal for robotic arms or small conveyor systems.
* **Visible Red Light:** Simplifies alignment with the reflector during installation.
* **High Frequency:** At 1000 Hz, it can detect objects moving at very high speeds without missing a trigger.
- ⤷
How do I wire this sensor to a standard PLC input?
- ⤷ What is the difference between the E2 (PNP) and E3 (NPN) versions of this sensor?
- ⤷ Which reflector is recommended for the maximum 1000mm range?