OBT30-R3-E2
AI

The **OBT30-R3-E2** is a high-performance miniature photoelectric sensor manufactured by Pepperl+Fuchs. It is designed for space-critical industrial automation applications.
---
### 1. Key Technical Specifications
The electrical characteristics define how the sensor interacts with a Programmable Logic Controller (PLC) or other control circuits.
| Feature | Specification |
| :--- | :--- |
| **Detection Principle** | Diffuse Mode (Background Evaluation) |
| **Detection Range** | 0 to 30 mm |
| **Operating Voltage** | 10 ... 30 V DC |
| **Output Type** | PNP, Open Collector |
| **Switching Type** | NO (Normally Open) / Light-ON |
| **Current Consumption** | < 10 mA |
| **Switching Frequency** | Approx. 1000 Hz |
---
### 2. Electronic Components & Functionality
#### A. The Emitter (Light Source)
The sensor utilizes a **modulated visible red LED**.
* **Modulation:** The light is pulsed at a specific frequency. This allows the internal receiver to distinguish the sensor's own light from ambient light (like sunlight or overhead factory lamps), preventing false triggering.
#### B. The Receiver & Logic
The internal circuitry consists of a photodiode and a comparator circuit:
* **Photoelectric Effect:** When light reflects off an object and hits the photodiode, it creates a small electrical current.
* **Signal Processing:** The internal ASIC (Application-Specific Integrated Circuit) amplifies this signal.
* **E2 Output (PNP):** The "E2" designation indicates a **PNP transistor output**. When an object is detected, the sensor connects the output wire to the positive supply voltage (+V).
#### C. Protection Circuitry
To ensure longevity in industrial environments, the electronics include:
1. **Reverse Polarity Protection:** Prevents damage if the power wires are connected backwards.
2. **Short Circuit Protection:** Protects the internal PNP transistor if the output wire is accidentally grounded.
---
### 3. Wiring Diagram (Electronic Interface)
The sensor typically uses a 3-wire connection:
```markdown
Wire Color | Function | Connection
-----------|---------------|-----------------------
Brown (BN) | +V | 10-30V DC Power Supply
Blue (BU) | 0V (GND) | Ground
Black (BK) | Output (PNP) | To PLC Input / Load
```
---
### 4. Physical Dimensions and LED Indicators
* **Status Indicators:** The rear of the sensor features a green LED (Power On) and a yellow LED (Switching State/Object Detected).
* **Housing:** Ultra-small R3 series design, suitable for mounting on robotic grippers or inside small machinery.
- ⤷
What is the difference between a PNP and NPN output in these sensors?
- ⤷ How does the sensing range change with different target colors?
- ⤷ Can this sensor be used for transparent object detection?