Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OF-08HT28BL

  • AI
    The **OF-08HT28BL** refers to a high-performance, brushless DC (BLDC) motor typically used in precision applications such as robotics, medical equipment, or high-end cooling systems. Below is a breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications The "BL" in the model suffix stands for **Brushless**, indicating the absence of carbon brushes, which reduces electronic noise and increases lifespan. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 12V - 24V DC | | **Current Rating** | ~0.8A to 1.5A (Load dependent) | | **Speed (RPM)** | 2800 - 3500 RPM | | **Bearing Type** | Dual Ball Bearing | | **Housing Material** | Aluminum/Thermoplastic | --- ### 2. Core Electronic Components The internal electronics of the OF-08HT28BL are designed for efficiency and thermal management. #### A. Stator and Permanent Magnets * **Winding:** High-purity copper coils (stator) that generate a magnetic field when energized. * **Rotor:** Features permanent magnets (often Neodymium) that react to the stator’s field to create torque. #### B. Integrated Drive Circuitry Most versions of this motor include an internal **PCB (Printed Circuit Board)** that handles: * **Commutation:** Electronic switching of the phases (replaces physical brushes). * **Hall Effect Sensors:** Small sensors that detect the rotor position to ensure smooth startup and rotation. * **Protection Circuits:** Often includes Over-Current Protection (OCP) and Locked Rotor Protection to prevent the coils from burning out if the motor is jammed. #### C. Interface Wiring The unit typically uses a 3-wire or 4-wire interface: 1. **Red (VCC):** Positive Power Supply. 2. **Black (GND):** Ground. 3. **Yellow/White (FG/Tacho):** Frequency Generator signal (outputs pulses based on speed). 4. **Blue (PWM):** Pulse Width Modulation input for speed control. --- ### 3. Key Electronic Advantages * **Low EMI (Electromagnetic Interference):** Because there are no sparks from brushes, it produces very little electrical noise, making it safe for use near sensitive sensors. * **High Efficiency:** The BLDC design converts more electrical energy into mechanical energy compared to brushed motors. * **Controllability:** The electronic nature allows for precise speed regulation via a microcontroller or PLC using the PWM signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the OF-08HT28BL?
    • ⤷ Can this motor be reversed electronically via the PWM pin?
    • ⤷ What are the specific dimensions and mounting patterns for this model?