Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OMAP3530ECBC

  • AI
    The **OMAP3530ECBC** is a high-performance Applications Processor developed by Texas Instruments (TI). It is part of the OMAP™ 3 architecture, designed to provide low-power consumption while delivering high-speed multimedia processing for mobile and industrial devices. --- ## 1. Internal Architecture The OMAP3530 is a multi-core System-on-Chip (SoC) that combines general-purpose processing with specialized engines for video and signal processing. | Component | Specification | Description | | :--- | :--- | :--- | | **MPU Core** | ARM Cortex-A8 | The main CPU, running up to 600MHz (or 720MHz depending on version). | | **DSP Core** | TMS320C64x+ | A dedicated Digital Signal Processor for audio/video processing. | | **Graphics** | PowerVR SGX530 | 2D/3D hardware graphics acceleration (OpenGL ES 2.0). | | **IVA2.2** | Image/Video/Audio | Multi-standard hardware accelerator for video encoding/decoding. | --- ## 2. Key Hardware Interfaces The device acts as the central brain of a system, interfacing with memory and peripherals through various pins on the BCB package. ### Memory Interface - **SDRC (SDRAM Refresh Controller):** Supports LPDDR (Low Power DDR) SDRAM. - **GPMC (General Purpose Memory Controller):** Interfaces with NAND/NOR Flash, SRAM, and external FPGAs. - **Package-on-Package (PoP):** The "CBC" in the part number indicates a package type that allows memory chips to be stacked directly on top of the processor to save PCB space. ### Connectivity & I/O - **Display:** Integrated display subsystem for LCD and TV-out (S-Video/Composite). - **USB:** High-speed USB 2.0 OTG (On-The-Go) and Host support. - **Serial:** Multiple UARTs, I2C, SPI (McSPI), and McBSP for audio. - **MMC/SD:** Supports SD cards and eMMC. --- ## 3. Package and Environmental Specs (ECBC) The suffix **ECBC** provides specific details about the physical build and thermal rating: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **E** | Temperature Range | Extended/Industrial (-40°C to 105°C). | | **CBC** | Package Type | 515-pin s-PBGA (0.40mm pitch, Package-on-Package). | | **Lead-Free** | Compliance | Green/RoHS compliant. | --- ## 4. Power Management The OMAP3530 is typically paired with a companion Power Management IC (PMIC), such as the **TPS65950**. This allows for: - **SmartReflex™ Technology:** Dynamically adjusts voltage based on silicon performance and temperature to reduce power consumption. - **Multiple Power Domains:** Ability to shut down unused cores (like the DSP or Graphics engine) when not in use. --- ## 5. Typical Applications * **Handheld Terminals:** Industrial scanners and data collectors. * **Portable Media Players:** Devices requiring high-definition video playback. * **Medical Imaging:** Portable ultrasound or patient monitoring. * **Navigation:** High-end GPS units with 3D map rendering.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the OMAP3530 and the OMAP3503?
    • ⤷ How does the Package-on-Package (PoP) design impact PCB layout?
    • ⤷ Which operating systems are compatible with the ARM Cortex-A8 in this chip?