OMM02040E3JB3
AI

The **OMM02040E3JB3** is a part number identifying a specific **Metal Film Resistor** produced by **Vishay Beyschlag**. It belongs to the **Micro-MELF (MM)** series, which is a cylindrical Surface Mount Device (SMD) known for superior reliability and stability compared to standard thick-film chip resistors.
### 1. Key Technical Specifications
The following table outlines the core electrical and physical parameters of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Series** | Micro-MELF (MMU 0102) | High-performance cylindrical SMD |
| **Resistance Value** | **3.3 Ω** | Indicated by the "3JB3" suffix |
| **Tolerance** | **± 5%** | Letter "J" in the code signifies 5% |
| **Power Rating** | **0.3 W** | At 70°C ambient temperature |
| **Voltage Rating** | **150 V** | Maximum operating voltage |
| **Temperature Coeff.** | **± 250 ppm/K** | Sensitivity to temperature changes |
| **Operating Temp.** | **-55°C to +155°C** | Suitable for harsh environments |
| **Package Size** | **DIN 0102** | Approx. 2.2mm length x 1.1mm diameter |
---
### 2. Physical Construction (MELF Design)
The "MELF" (Metal Electrode Leadless Face) design is distinct from traditional rectangular chip resistors:
* **Cylindrical Shape:** The component is a ceramic rod with a metal film deposited on it.
* **Durability:** The cylindrical structure provides better heat dissipation and mechanical robustness against board bending (flex).
* **Stability:** Metal film technology ensures lower noise and better long-term stability than carbon or thick-film alternatives.
### 3. Part Number Breakdown
While manufacturer codes vary slightly, the structure for this series generally follows:
* **OMM:** Series identifier (Micro-MELF).
* **0204:** Often refers to the physical size/power class (standardized as 0102 for Micro-MELF).
* **3JB3:** The resistance code. "3" and "3" with "J" (5%) represents **3.3 Ohms**.
---
### 4. Common Applications
Due to its high reliability and pulse load capability, the OMM02040E3JB3 is typically used in:
1. **Automotive Electronics:** Engine control units, lighting, and safety systems (AEC-Q200 qualified versions).
2. **Industrial Systems:** Measurement equipment and power supplies.
3. **Telecommunications:** Base station equipment requiring high stability.
4. **Medical Devices:** Precision monitoring tools.
- ⤷
What are the main advantages of MELF resistors over standard SMD thick-film resistors?
- ⤷ Can this component be used in AEC-Q200 automotive applications?
- ⤷ What is the physical size comparison between a 0102 MELF and a 0805 SMD chip?