Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OP42GSZ-R7

  • AI
    The **OP42GSZ-R7** is a high-speed, precision JFET-input operational amplifier manufactured by Analog Devices. It is widely recognized for combining the speed of a high-speed op-amp with the precision of a FET-input device. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the OP42GSZ-R7: | Parameter | Specification | | :--- | :--- | | **Slew Rate** | 50 V/µs (Typical) | | **Gain Bandwidth Product** | 10 MHz | | **Input Bias Current** | 5 pA (Typical) | | **Offset Voltage** | 750 µV (Maximum) | | **Supply Voltage Range** | ±5V to ±18V | | **Settling Time** | 800 ns (to 0.01%) | | **Package Type** | SOIC-8 (Surface Mount) | --- ### 2. Core Features * **High Speed:** With a 50 V/µs slew rate, it is capable of handling fast-moving signals without significant distortion. * **Low Input Bias Current:** Because it uses JFET technology at the input stage, the current flowing into the input pins is extremely low, making it ideal for high-impedance sensors. * **Fast Settling Time:** It reaches its final output value very quickly after a step change, which is critical for driving Analog-to-Digital Converters (ADCs). * **Unity-Gain Stable:** Unlike some high-speed op-amps, the OP42 is stable even when configured for a gain of 1. --- ### 3. Pin Configuration (SOIC-8) The device follows the standard industry pinout for single operational amplifiers: 1. **Offset Null:** Used to trim out input offset voltage. 2. **Inverting Input (-):** Negative signal input. 3. **Non-Inverting Input (+):** Positive signal input. 4. **V- (Vee):** Negative power supply rail. 5. **Offset Null:** Used for external trimming. 6. **Output:** Signal output. 7. **V+ (Vcc):** Positive power supply rail. 8. **NC:** No internal connection. --- ### 4. Typical Applications The OP42GSZ-R7 is commonly found in high-performance signal conditioning circuits: * **Fast DAC Output Amplifiers:** Converting current from a Digital-to-Analog converter into voltage. * **High-Impedance Buffers:** Interfacing with sensors that have very high output resistance. * **Active Filters:** Designing high-order filters that require wide bandwidth. * **Precision Instrumentation:** Where both DC accuracy and AC speed are required. --- ### 5. Part Number Breakdown * **OP42:** The base model number. * **G:** Grade (indicates performance specifications/temperature range). * **S:** Package type (SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, typically 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the OP42 and the industry-standard TL071?
    • ⤷ How do I implement the Offset Null pins to improve precision?
    • ⤷ What are the decoupling capacitor recommendations for this high-speed op-amp?