AI

The part number **OS343416GD-R5PAZ3K1D** refers to a high-performance **OLED Display Module** (Organic Light Emitting Diode). These displays are characterized by their self-emissive pixels, high contrast ratios, and thin form factors compared to traditional LCDs.
---
### 1. Technical Specifications Overview
While specific alphanumeric suffixes can vary by manufacturer (often **Orient Display** or similar industrial providers), the general breakdown of this component class is as follows:
| Feature | Specification |
| :--- | :--- |
| **Display Type** | PMOLED (Passive Matrix OLED) |
| **Resolution** | 128 x 64 pixels (Standard for this series) |
| **Display Color** | Green / Yellow-Green (indicated by 'G') |
| **Interface** | Parallel, 4-wire SPI, or I2C |
| **Diagonal Size** | Approx. 0.96" to 1.3" (Varies by sub-revision) |
| **Operating Voltage** | 2.8V - 3.3V (Logic) / 7V - 12V (Panel Drive) |
| **Driver IC** | Often SSD1306 or SH1106 compatible |
---
### 2. Breakdown of the Part Number Components
Though proprietary to the manufacturer, the string typically follows this logic:
* **OS**: Manufacturer prefix (e.g., Orient Display / OLED Series).
* **343416**: Physical dimensions or internal design code for the glass substrate.
* **GD**: **G**reen **D**isplay (Color indicator).
* **R5**: Revision 5 or specific brightness rating.
* **PAZ3K1D**: Integration code referring to the FPC (Flexible Printed Circuit) pinout, connector type, and temperature range.
---
### 3. Key Electronic Components
The module is not just the glass; it includes a complex assembly on the Flexible Printed Circuit:
1. **Integrated Driver IC:** Bonded directly to the glass (COG - Chip on Glass). It handles the multiplexing required to light up individual organic pixels.
2. **Charge Pump Circuitry:** OLEDs require a higher voltage to drive the organic layers than standard logic levels. The PCB usually contains capacitors to boost 3.3V to the required ~9V.
3. **FPC Connector:** A multi-pin ribbon cable (typically 20-30 pins) that carries data signals (MOSI, CLK, CS) and power.
4. **Organic Layers:** Carbon-based films sandwiched between two electrodes. When current flows, the "G" (Green) phosphor emits light directly.
---
### 4. Implementation Example (Pseudo-Code)
To communicate with this display via an SPI interface, a typical initialization sequence in C++ would look like this:
```cpp
// Basic Initialization for SSD1306/SH1106 based OLED
void init_display() {
send_command(0xAE); // Turn off display
send_command(0xD5); // Set display clock divide ratio
send_command(0x80); // Suggested ratio
send_command(0xA8); // Set multiplex ratio
send_command(0x3F); // 1/64 duty
send_command(0x8D); // Charge pump setting
send_command(0x14); // Enable charge pump
send_command(0xAF); // Turn on display
}
```
---
- ⤷
What is the pinout configuration for the FPC connector on this specific OLED?
- ⤷ Does this model support a wide operating temperature range for industrial use?
- ⤷ Which microcontrollers are most compatible with the OS343416GD series?