OSASH205DM3000
AI

The **OSASH205DM3000** is a specific technical identifier typically associated with a high-performance **Fiber Optic Transceiver Module**, specifically an **SFP+ (Small Form-factor Pluggable)** or **XFP** variant. These components are critical in high-speed networking for converting electrical signals into optical signals and vice-versa.
---
### 1. Component Overview
The device is an integrated optoelectronic component designed for telecommunications and data communications. Below are the primary characteristics:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP+ (Commonly) |
| **Data Rate** | Typically 10 Gbps (Gigabits per second) |
| **Wavelength** | 1310nm or 1550nm (Standard Long Haul/Intermediate) |
| **Connector Type** | Duplex LC Connector |
| **Distance** | Rated for up to 10km or 40km depending on sub-revision |
| **Fiber Type** | Single-Mode Fiber (SMF) |
---
### 2. Internal Electronic Parts
The module consists of several sophisticated sub-assemblies integrated into a small metal housing:
#### A. TOSA (Transmitter Optical Sub-Assembly)
This is the "outgoing" side of the module.
* **Laser Diode:** Converts electrical pulses into light. Usually a DFB (Distributed Feedback) laser for high stability.
* **Laser Driver IC:** A high-speed integrated circuit that provides the necessary modulation current to the laser.
#### B. ROSA (Receiver Optical Sub-Assembly)
This is the "incoming" side of the module.
* **Photodiode:** Usually a PIN or APD (Avalanche Photodiode) that detects incoming light and converts it to a tiny electrical current.
* **TIA (Trans-Impedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal.
#### C. PCBA (Printed Circuit Board Assembly)
The "brain" of the module:
* **Microcontroller:** Manages the Digital Diagnostic Monitoring (DDM), allowing the host system to monitor temperature, voltage, and laser power.
* **EEPROM:** Stores the module's ID, manufacturer data, and serial number (OSASH205DM3000).
---
### 3. Pin Configuration (Typical SFP+)
The electronic interface follows the SFF-8431 standard. Key pins include:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | VeeT | Transmitter Ground |
| 2 | TX_Fault | Transmitter Fault Indication |
| 12 | RD- | Receiver Inverted Data Output |
| 13 | RD+ | Receiver Non-Inverted Data Output |
| 15 | VccR | +3.3V Receiver Power |
| 18 | TD+ | Transmitter Non-Inverted Data Input |
---
### 4. Technical Compliance
* **Hot-Pluggable:** Can be inserted or removed without powering down the host device (Switch/Router).
* **RoHS Compliant:** Manufactured without hazardous substances like lead or mercury.
* **Low Power Consumption:** Typically consumes less than 1.5 Watts.
---
- ⤷
What is the maximum transmission distance for the OSASH205DM3000?
- ⤷ Is this module compatible with standard Cisco or Juniper switches?
- ⤷ What is the specific operating temperature range for this transceiver?