Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OSC-S21-RTC

  • AI
    The **OSC-S21-RTC** is an integrated circuit module designed primarily for Real-Time Clock (RTC) applications. It functions as a precision timing source, typically utilizing a crystal oscillator to maintain accurate timekeeping even when the main system power is lost. --- ### Core Electronic Components The architecture of the OSC-S21-RTC generally consists of the following internal and external electronic parts: | Component | Function | Description | | :--- | :--- | :--- | | **Quartz Crystal** | Frequency Source | Usually a 32.768 kHz tuning-fork crystal providing the base heartbeat. | | **Oscillator Circuit** | Driving Force | An internal amplifier that maintains the crystal's mechanical vibration. | | **Frequency Dividers** | Logic Scaling | Digital counters that divide the 32.768 kHz signal down to 1 Hz (1 pulse per second). | | **Timekeeping Registers** | Data Storage | Memory locations storing Seconds, Minutes, Hours, Day, Date, Month, and Year. | | **I2C/SPI Interface** | Communication | The serial bus logic used to read from or write to the registers via a microcontroller. | | **Power Switchover** | Backup Management | Internal circuitry that detects VCC failure and switches to a backup battery (VBAT). | --- ### Key Technical Specifications When integrating this part into a PCB design, the following parameters are critical: - **Operating Voltage:** Typically ranges from **1.8V to 5.5V**. - **Current Consumption:** Ultra-low power (often in the **nano-ampere** range) to ensure long battery life on coin cells. - **Accuracy:** Often rated in PPM (Parts Per Million); a lower PPM indicates less time drift over months/years. - **Package Type:** Usually available in compact SMD (Surface Mount Device) packages like SOP-8 or specialized tiny oscillators. --- ### Basic Implementation Example To interface with the OSC-S21-RTC using an Arduino or similar MCU via I2C, the wiring logic follows this pattern: ```cpp // Example: Basic I2C Initialization for an RTC #include #define RTC_ADDRESS 0x68 // Common address for many RTC modules void setup() { Wire.begin(); Serial.begin(9600); // Check if RTC is responding Wire.beginTransmission(RTC_ADDRESS); if (Wire.endTransmission() == 0) { Serial.println("OSC-S21-RTC Detected"); } else { Serial.println("RTC Not Found"); } } ``` --- ### Application Use-Cases 1. **Data Loggers:** Timestamping sensor data accurately. 2. **Industrial Controllers:** Scheduling tasks or maintenance cycles. 3. **Consumer Electronics:** Maintaining the clock on appliances or smart home devices during power outages.
    ✨ Follow-up Questions
    • ⤷What is the typical battery life for an RTC using a CR2032 cell?
    • ⤷ How do I calibrate the PPM drift in an OSC-S21-RTC?
    • ⤷ Can this module operate without an external crystal?