Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OSC-S22-RTC

  • AI
    The **OSC-S22-RTC** is a precision electronic timing component, specifically a **Surface Mount Device (SMD) Real-Time Clock (RTC) Crystal Oscillator**. These components are critical for keeping accurate time in electronic devices even when the main power is turned off. ### 1. Technical Specifications The OSC-S22-RTC generally adheres to the following technical profile: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Nominal Frequency** | 32.768 | kHz | | **Package Size** | 2.5 x 2.0 (S22) | mm | | **Supply Voltage (Vdd)** | 1.8V to 3.3V | Volts | | **Operating Temp Range** | -40 to +85 | °C | | **Frequency Tolerance** | ±20 (Standard) | ppm | | **Output Type** | CMOS | - | --- ### 2. Core Electronic Components The device is an integrated module consisting of two primary internal parts: * **Tuning Fork Crystal:** A high-precision quartz crystal cut to vibrate at exactly 32,768 cycles per second. This specific frequency is used because $2^{15} = 32,768$, allowing digital circuits to derive exactly 1 second by using a 15-stage binary counter. * **Oscillator IC:** An internal integrated circuit that provides the necessary gain to maintain oscillation and converts the analog vibration of the crystal into a square-wave **CMOS logic output**. --- ### 3. Pin Configuration (4-Pad SMD) The "S22" package refers to a standard 4-pad layout. While manufacturers vary slightly, the standard pinout is as follows: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active) or No Connection | | **2** | GND | Ground / Negative Supply | | **3** | Output | 32.768 kHz Square Wave Signal | | **4** | Vdd | Positive Power Supply Voltage | --- ### 4. Key Applications Because of its small footprint (2.5mm x 2.0mm) and low power consumption, the OSC-S22-RTC is commonly found in: * **IoT Devices:** Providing time-stamps for sensor data. * **Wearables:** Smartwatches and fitness trackers. * **Industrial Meters:** Smart electricity and water meters. * **Automotive:** Dashboard clocks and infotainment systems. --- ### 5. Circuit Design Considerations ```c // Design Tip: Proper Layout 1. Place the oscillator as close to the MCU/RTC chip as possible. 2. Ensure a 0.01uF to 0.1uF bypass capacitor is placed between Vdd and GND. 3. Avoid routing high-speed signal lines under the oscillator to prevent EMI. ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 32.768 kHz frequency in RTC circuits?
    • ⤷ How does 'Output Enable' (Pin 1) impact power consumption?
    • ⤷ What are the advantages of an active oscillator over a passive 2-pin crystal?