Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • OST05WG01GD-R5RUT5C1B

  • AI
    The part number **OST05WG01GD-R5RUT5C1B** refers to a high-performance **TFT LCD Display Module**. Based on the naming convention typically used by manufacturers like *Onetouch* or *Orient Display*, this component is designed for industrial or high-end consumer electronics. --- ### 1. Technical Specifications The following table breaks down the core hardware characteristics of this electronic assembly: | Feature | Specification | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Size** | 5.0 Inches (Diagonal) | | **Resolution** | 800 x 480 Pixels (WVGA) | | **Interface** | RGB 24-bit / Parallel | | **Backlight** | High-Brightness White LED | | **Touch Panel** | Projected Capacitive Touch (PCAP) | | **Viewing Angle** | IPS (In-Plane Switching) or Wide Viewing Angle | | **Operating Voltage** | 3.3V (Typical) | --- ### 2. Electronic Sub-Systems The module is composed of several critical electronic layers: #### A. The LCD Driver IC This is the "brain" of the glass panel. It converts digital RGB signals from your microcontroller (e.g., STM32, ESP32, or Raspberry Pi) into the analog voltages required to twist the liquid crystals. #### B. LED Backlight Driver Circuit * **Structure:** Usually consists of a string of LEDs connected in series or parallel. * **Control:** Requires a constant current driver. It often supports **PWM (Pulse Width Modulation)** for dimming control. #### C. Capacitive Touch Controller The "R5RUT" portion of the suffix often denotes the touch interface integration. * **Protocol:** Usually communicates via **I2C**. * **Features:** Supports multi-touch (usually up to 5 points) and gestures. --- ### 3. Pinout and Connectivity Most 5.0" TFTs with this configuration use a **40-pin or 50-pin FPC (Flexible Printed Circuit)** connector. 1. **Data Pins (D0-D23):** For 24-bit color depth. 2. **Control Pins:** Clock (PCLK), Data Enable (DE), Horizontal Sync (HSYNC), and Vertical Sync (VSYNC). 3. **Touch Pins:** SCL, SDA, INT (Interrupt), and RST (Reset). 4. **Power Pins:** VDD (Digital), VDD_LED (Backlight Power). --- ### 4. Typical Applications * **Industrial HMI:** Control panels for machinery. * **Medical Devices:** Patient monitoring screens. * **Smart Home:** High-end thermostat or security hubs. * **Automotive:** Secondary dashboard displays or infotainment systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 40-pin FPC connector on this module?
    • ⤷ Which driver IC is commonly used for the 800x480 resolution in this series?
    • ⤷ How do I calculate the power consumption for the LED backlight?