OST089S01GD-R5RUT8C1A
AI

The part number **OST089S01GD-R5RUT8C1A** refers to a high-performance **TFT LCD Display module**, typically manufactured by Orient Display (or related OEM partners). This specific model is a round (circular) liquid crystal display, often used in smartwatches, automotive gauges, and IoT appliances.
---
## 1. Technical Specifications
Below are the primary electronic and optical characteristics for this display module:
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | TFT LCD (Thin Film Transistor) |
| **Shape** | Circular / Round |
| **Screen Size** | 0.89 inches (Diagonal) |
| **Resolution** | 126 x 126 Pixels (Standard for this series) |
| **Interface** | SPI (4-wire) / MCU Interface |
| **Driver IC** | GC9107 or similar high-integration controller |
| **Backlight** | White LED (1-2 LEDs in parallel) |
| **Input Voltage (VDD)** | 2.8V to 3.3V |
| **Viewing Angle** | All Clock (IPS Technology) |
---
## 2. Key Components & Features
### A. The Controller/Driver IC
The "heart" of this module is the integrated driver chip. It handles the communication between your microcontroller (like an Arduino, ESP32, or STM32) and the liquid crystal pixels.
* **Built-in RAM:** Includes frame buffering to reduce the load on the host CPU.
* **Low Power Modes:** Supports "Sleep" and "Deep Standby" for battery-operated devices.
### B. SPI Interface (Serial Peripheral Interface)
The **R5RUT8C1A** suffix indicates specific pinout configurations, usually utilizing a 4-wire SPI interface:
1. **SCL:** Serial Clock
2. **SDA:** Serial Data
3. **RES:** Reset
4. **DC:** Data/Command Selection
5. **CS:** Chip Select
### C. IPS Technology (In-Plane Switching)
Unlike cheaper TN panels, this module utilizes IPS technology. This means the colors do not shift or distort when viewed from sharp angles, making it ideal for wearable tech.
---
## 3. Application Examples
| Industry | Use Case |
| :--- | :--- |
| **Wearables** | Fitness trackers and digital wristwatches. |
| **Smart Home** | Temperature control knobs and smart thermostats. |
| **Automotive** | Digital fuel gauges or oil pressure indicators. |
| **Industrial** | Miniature monitoring equipment. |
---
## 4. Connection Implementation (Pseudocode)
To initialize this display in a C++ environment (like Arduino with `Adafruit_GFX`), the logic follows this structure:
```cpp
// Basic Pin Configuration
#define TFT_CS 10
#define TFT_RST 9
#define TFT_DC 8
// Initialize the display driver
void setup() {
Display.begin();
Display.setRotation(1); // Set orientation
Display.fillScreen(BLACK); // Clear screen
}
```
---
- ⤷
What is the maximum brightness (nits) for the OST089S01GD model?
- ⤷ Which specific FPC connector is required to interface with this display?
- ⤷ Can this display be used with a 5V microcontroller without a logic level shifter?